Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD19532KTTT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CSD19532KTTT
Description  N-Channel NexFET Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD19532KTTT Datasheet(HTML) 3 Page - Texas Instruments

  CSD19532KTTT Datasheet HTML 1Page - Texas Instruments CSD19532KTTT Datasheet HTML 2Page - Texas Instruments CSD19532KTTT Datasheet HTML 3Page - Texas Instruments CSD19532KTTT Datasheet HTML 4Page - Texas Instruments CSD19532KTTT Datasheet HTML 5Page - Texas Instruments CSD19532KTTT Datasheet HTML 6Page - Texas Instruments CSD19532KTTT Datasheet HTML 7Page - Texas Instruments CSD19532KTTT Datasheet HTML 8Page - Texas Instruments CSD19532KTTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CSD19532KTT
www.ti.com
SLPS553 – OCTOBER 2015
5 Specifications
5.1 Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-source voltage
VGS = 0 V, ID = 250 μA
100
V
IDSS
Drain-to-source leakage current
VGS = 0 V, VDS = 80 V
1
μA
IGSS
Gate-to-source leakage current
VDS = 0 V, VGS = 20 V
100
nA
VGS(th)
Gate-to-source threshold voltage
VDS = VGS, ID = 250 μA
2.2
2.6
3.2
V
VGS = 6 V, ID = 90 A
5.3
6.6
m
RDS(on)
Drain-to-source on resistance
VGS = 10 V, ID = 90 A
4.6
5.6
m
gfs
Transconductance
VDS = 10 V, ID = 90 A
113
S
DYNAMIC CHARACTERISTICS
Ciss
Input capacitance
3890
5060
pF
Coss
Output capacitance
VGS = 0 V, VDS = 50 V, ƒ = 1 MHz
674
876
pF
Crss
Reverse transfer capacitance
14
18
pF
RG
Series gate resistance
1.3
2.6
Qg
Gate charge total (10 V)
44
57
nC
Qgd
Gate charge gate to drain
5.6
nC
VDS = 50 V, ID = 90 A
Qgs
Gate charge gate to source
17
nC
Qg(th)
Gate charge at Vth
9.6
nC
Qoss
Output charge
VDS = 50 V, VGS = 0 V
124
nC
td(on)
Turn on delay time
9
ns
tr
Rise time
3
ns
VDS = 50 V, VGS = 10 V,
IDS = 90 A, RG = 0 Ω
td(off)
Turn off delay time
14
ns
tf
Fall time
2
ns
DIODE CHARACTERISTICS
VSD
Diode forward voltage
ISD = 90 A, VGS = 0 V
0.9
1.0
V
Qrr
Reverse recovery charge
326
nC
VDS= 50 V, IF = 90 A,
di/dt = 300 A/
μs
trr
Reverse recovery time
74
ns
5.2 Thermal Information
(TA = 25°C unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJC
Junction-to-case thermal resistance
0.6
°C/W
RθJA
Junction-to-ambient thermal resistance
62
°C/W
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CSD19532KTT


Similar Part No. - CSD19532KTTT

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
CSD19532KTT ISC-CSD19532KTT Datasheet
374Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - CSD19532KTTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD18563Q5A TI1-CSD18563Q5A_16 Datasheet
825Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI1-CSD17313Q2Q1_15 Datasheet
411Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16408Q5 TI-CSD16408Q5 Datasheet
204Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16327Q3 TI1-CSD16327Q3 Datasheet
991Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16322Q5 TI-CSD16322Q5 Datasheet
287Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16404Q5A TI-CSD16404Q5A Datasheet
511Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16401Q5 TI1-CSD16401Q5 Datasheet
332Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16414Q5 TI1-CSD16414Q5 Datasheet
348Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16415Q5 TI1-CSD16415Q5 Datasheet
568Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com