Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MADP-000907-14020 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part No. MADP-000907-14020
Description  Solderable AlGaAs Flip Chip PIN
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MA-COM [M/A-COM Technology Solutions, Inc.]
Homepage  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADP-000907-14020 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MADP-000907-14020_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADP-000907-14020_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADP-000907-14020_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADP-000907-14020_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MADP-000907-14020_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MADP-000907-14020_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Solderable AlGaAs Flip Chip PIN
V3
MADP-000907-14020
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
Typical RF Performance @ TAMB = +25°C
Insertion Loss vs. Frequency
Return Loss vs. Frequency
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
Frequency (GHz)
I. Loss @5mA
I. Loss @15mA
I. Loss @50mA
-40.0
-38.0
-36.0
-34.0
-32.0
-30.0
-28.0
-26.0
-24.0
-22.0
-20.0
Frequency (GHz)
R. Loss @5mA
R. Loss @15mA
R. Loss @50mA


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn