Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MADP-000907-14020 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part No. MADP-000907-14020
Description  Solderable AlGaAs Flip Chip PIN
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MA-COM [M/A-COM Technology Solutions, Inc.]
Homepage  http://www.macomtech.com
Logo 

MADP-000907-14020 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Solderable AlGaAs Flip Chip PIN
V3
MADP-000907-14020
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DIM
Inches
Millimeters
MIN.
MAX.
MIN.
MAX.
A
0.026
0.027
0.660
0.686
B
0.014
0.015
0.343
0.368
C
0.007
0.008
0.165
0.191
D
0.004
0.005
0.109
0.135
E
0.007
0.0073
0.173
0.185
F
0.018
0.019
0.462
0.488
Parameter
Absolute Maximum
Reverse Voltage
45V
Operating Temperature
-55°C to +125°C
Storage Temperature
-55°C to +150°C
Junction Temperature
+175°C
Dissipated Power (RF + DC)
100mW
C.W. Incident Power
+23 dBm
Mounting Temperature
+280°C for 10 seconds
Absolute Maximum Ratings TAMB = +25°C
(unless otherwise specified)
1. Yellow areas indicate ohmic gold mounting pads
2. Pad finish is 0.2µm of gold over 4µm nickel.
Notes:
Chip Dimensions
Features
Low Series Resistance
Ultra Low Capacitance
Millimeter Wave Switching & Cutoff Frequency
Useable up to 70GHz
2 Nanosecond Switching Speed
Can be Driven by a Buffered TTL
Silicon Nitride Passivation
 Polyimide Scratch Protection
 RoHS Compliant
Description
M/A-COM Technology Solutions MADP-000907-14020
is a solderable, flip-chip Aluminum Gallium Arsenide
(AlGaAs) PIN diode. It is fabricated with MOCVD grown
epitaxy using a process and design that optimizes
device to device uniformity and produces extremely low
parasitics. The diode exhibits an exceptionally low RC
product (0.1ps) and a 2-3 nS switching speed. The chips
are fully passivated with silicon nitride and have an
added BCB polymer layer for scratch protection. The
BCB protective coating prevents damage to the diode
junction area and anode air-bridge during handling and
assembly.
Applications
The ultra low capacitance of the MADP-000907-14020
allows for operation at millimeter wave frequencies for
RF switches and phase shifter applications. The diode is
designed to be used in pulsed or CW applications,
where single digit nS switching speed is required. The
low capacitance of the MADP-000907-14020 makes it
ideal for use in many microwave multi-throw switch
assemblies, where the series capacitance of each “off”


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn