Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6CV304W Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI6CV304W
Description  160 MHz Clock Buffers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CV304W Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

  PI6CV304W Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CV304W Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CV304W Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CV304W Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CV304W Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CV304W Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CV304W Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CV304W Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6CV304 / PI6CV2304
160 MHz Clock Buffers
8
PS8537F
09/14/09
.0040
.0098
SEATING PLANE
.013
.020
.050
BSC
.016
.0075
.0098
1
8
.0099
.0196
.050
.149
.157
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
3.78
3.99
.189
.196
4.80
5.00
1.27
.016
.026
1.35
1.75
.2284
.2440
5.80
6.20
0.406
0.660
0.330
0.508
0.10
0.25
0.40
1.27
0.19
0.25
0.25
0.50
.053
.068
REF
DESCRIPTION: 8-Pin, 150-Mil Wide, SOIC
PACKAGE CODE: W
DOCUMENT CONTROL NO.
PD - 1001
REVISION: F
DATE: 03/09/05
Notes:
1) Controlling dimensions in millimeters.
2) Ref: JEDEC MS-012D/AA
Pericom Semiconductor Corporation
3545 N. 1st Street, San Jose, CA 95134
1-800-435-2335 • www.pericom.com
OrderingInformation
PericomSemiconductorCorporation • 1-800-435-2336 • www.pericom.com
Notes:
1.
Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
Ordering Code
Package Code
Package Type
PI6CV304L
L
8-pin 173-mil wide TSSOP
PI6CV304LE
L
Pb-free & Green, 8-pin 173-mil wide TSSOP
PI6CV304W
W
8-pin150-milwideSOIC
PI6CV304WE
W
Pb-free & Green, 8-pin 150-mil wide SOIC
PI6CV2304L
L
8-pin 173-mil wide TSSOP
PI6CV2304LE
L
Pb-free & Green, 8-pin 173-mil wide TSSOP
PI6CV2304WE
W
Pb-free & Green, 8-pin 150-mil wide SOIC
Packaging Mechanical: 8-Pin SOIC (W)
Note:
For latest package info, please check: http://www.pericom.com/products/packaging/mechanicals.php
09-0040


Similar Part No. - PI6CV304W

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CV304W PERICOM-PI6CV304W Datasheet
218Kb / 8P
   160 MHz Clock Buffers
PI6CV304W PERICOM-PI6CV304W Datasheet
333Kb / 8P
   160 MHz Clock Buffers
PI6CV304W PERICOM-PI6CV304W Datasheet
333Kb / 8P
   160 MHz Clock Buffers
PI6CV304WE PERICOM-PI6CV304WE Datasheet
218Kb / 8P
   160 MHz Clock Buffers
PI6CV304WE PERICOM-PI6CV304WE Datasheet
333Kb / 8P
   160 MHz Clock Buffers
More results

Similar Description - PI6CV304W

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CV304LEX PERICOM-PI6CV304LEX Datasheet
333Kb / 8P
   160 MHz Clock Buffers
PI6CV2304LEX PERICOM-PI6CV2304LEX Datasheet
333Kb / 8P
   160 MHz Clock Buffers
PI6CV304 PERICOM-PI6CV304 Datasheet
218Kb / 8P
   160 MHz Clock Buffers
logo
ON Semiconductor
NB3N501 ONSEMI-NB3N501 Datasheet
139Kb / 6P
   3.3V / 5.0V 13 MHz to 160 MHz PLL Clock Multiplier
May, 2012 ??Rev. 1
logo
Cypress Semiconductor
B9946 CYPRESS-B9946 Datasheet
57Kb / 5P
   3.3V, 160-MHz, 1:10 Clock Distribution Buffer
logo
ON Semiconductor
NB3N501 ONSEMI-NB3N501_13 Datasheet
110Kb / 6P
   3.3V / 5.0V 13 MHz to 160 MHz PLL Clock Multiplier
November, 2013 ??Rev. 2
logo
Cypress Semiconductor
B9949 CYPRESS-B9949 Datasheet
70Kb / 8P
   3.3V 160-MHz 1:15 Clock Distribution Buffer
B9948 CYPRESS-B9948 Datasheet
100Kb / 6P
   3.3V, 160-MHz, 1:12 Clock Distribution Buffer
B9947 CYPRESS-B9947 Datasheet
57Kb / 5P
   3.3V, 160-MHz, 1:9 Clock Distribution Buffer
logo
List of Unclassifed Man...
ICS551MI ETC2-ICS551MI Datasheet
199Kb / 9P
   Input/Output clock frequency up to 160 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com