Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6CDBL402BLIE Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI6CDBL402BLIE
Description  4 -Output Low Power PCIE GEN 1-2-3 Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CDBL402BLIE Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI6CDBL402BLIE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CDBL402BLIE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CDBL402BLIE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CDBL402BLIE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CDBL402BLIE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CDBL402BLIE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CDBL402BLIE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CDBL402BLIE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CDBL402BLIE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
55
All trademarks are property of their respective owners.
www.pericom.com
06/30/15
PI6CDBL402B
4 -Output Low Power PCIE GEN 1-2-3 Buffer
Data Byte 2: Control Register
Bit Descriptions
Type
Power Up Condition
Output(s) Affected
Source Pin
0
Reserved
NA
1
Reserved
NA
2
Reserved
NA
3
Reserved
NA
4
Reserved
NA
5
Reserved
NA
6
Reserved
NA
7
Reserved
NA
Data Byte 3: Control Register
Bit Descriptions
Type
Power Up Condition
Output(s) Affected
Source Pin
0
Reserved
RW
1
RW
2
RW
3
RW
4
RW
5
RW
6
RW
7
RW
Data Byte 4: Control Register
Bit Descriptions
Type
Power Up Condition
Output(s) Affected
Source Pin
0
Pericom ID
R
0
NA
NA
1
R
0
NA
NA
2
R
0
NA
NA
3
R
0
NA
NA
4
R
0
NA
NA
5
R
1
NA
NA
6
R
0
NA
NA
7
R
0
NA
NA
15-0083


Similar Part No. - PI6CDBL402BLIE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CDBL401B PERICOM-PI6CDBL401B Datasheet
1Mb / 16P
   4-Output Low Power PCIE GEN1-2-3 Buffer
PI6CDBL401BZHIE PERICOM-PI6CDBL401BZHIE Datasheet
1Mb / 16P
   4-Output Low Power PCIE GEN1-2-3 Buffer
PI6CDBL401BZHIEX PERICOM-PI6CDBL401BZHIEX Datasheet
1Mb / 16P
   4-Output Low Power PCIE GEN1-2-3 Buffer
More results

Similar Description - PI6CDBL402BLIE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CFGL401B PERICOM-PI6CFGL401B Datasheet
1Mb / 14P
   4-Output Low Power PCIE Gen 1-2-3 Clock Generator
logo
Integrated Device Techn...
9FGV0231 IDT-9FGV0231_17 Datasheet
281Kb / 16P
   2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
logo
Renesas Technology Corp
9FGV0231 RENESAS-9FGV0231 Datasheet
673Kb / 17P
   2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
JUNE 6, 2019
logo
Integrated Device Techn...
9FGV0431 IDT-9FGV0431_17 Datasheet
289Kb / 16P
   4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
9FGV0441 IDT-9FGV0441_17 Datasheet
294Kb / 16P
   4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
logo
Renesas Technology Corp
9FGV0431 RENESAS-9FGV0431 Datasheet
693Kb / 17P
   4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
JUNE 6, 2019
logo
Integrated Device Techn...
9FGV0241 IDT-9FGV0241_17 Datasheet
290Kb / 16P
   2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
logo
Pericom Semiconductor C...
PI6CFGL201B PERICOM-PI6CFGL201B Datasheet
1Mb / 14P
   2-Output Low Power PCIE Gen 1-2-3 Clock Generator
PI6CDBL401B PERICOM-PI6CDBL401B Datasheet
1Mb / 16P
   4-Output Low Power PCIE GEN1-2-3 Buffer
logo
Silicon Laboratories
SI53119 SILABS-SI53119 Datasheet
1Mb / 35P
   19-OUTPUT PCIE GEN 3 BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com