Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6CDBL401BZHIEX Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI6CDBL401BZHIEX
Description  4-Output Low Power PCIE GEN1-2-3 Buffer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CDBL401BZHIEX Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

Back Button PI6CDBL401BZHIEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CDBL401BZHIEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CDBL401BZHIEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CDBL401BZHIEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CDBL401BZHIEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CDBL401BZHIEX Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6CDBL401BZHIEX Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6CDBL401BZHIEX Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6CDBL401BZHIEX Datasheet HTML 12Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
www.pericom.com
PI6CDBL401B
Rev.C
03/23/16
All trademarks are property of their respective owners.
PI6CDBL401B
4-Output Low Power PCIE GEN1-2-3 Buffer
Electrical Characteristics–Output Duty Cycle, Jitter, Skew and PLL Characterisitics
(T
A = -40~85
o
C; VDD = 3.3V+/-10%; VDDO = 3.3V+/-10%; VDDO = 2.5V+/-10%; VDDO = 1.8V+/-10%, See Test Loads
for Loading Conditions)
Symbol Parameters
Condition
Min.
Type
Max.
Units
t
DC
Duty Cycle1
Measured differentially, PLL Mode
45
55
%
t
DCD
Duty Cycle Distortion1,3
Measured differentially, Bypass Mode@100MHz -1
0
1
%
t
pdBYP
Skew, Input to Output1,4
Bypass Mode, VT = 50%
2500
4500
ps
t
pdPLL
PLL Mode VT = 50%
-250
250
ps
t
skew
Skew, Output to Output1,2
VT = 50%
25
50
ps
t
jcyc-cyc
Jitter, Cycle to cycle1,2
PLL mode @100MHz output
50
ps
Additive Jitter in Bypass Mode @100MHz
output
0.1
25
ps
Note:
1. Guaranteed by design and characterization, not 100% tested in production.
2. Measured from differential waveform
3. Duty cycle distortion is the difference in duty cycle between the output and the input clock when the device is operated in bypass mode.
4. All outputs at default slew rate
5. The MIN/TYP/MAX values of each BW setting track each other, i.e., Low BW MAX will never occur with Hi BW MIN.
Electrical Characteristics–Current Consumption (T
A = -40~85
o
C; See Test Loads for Loading Conditions)
Symbol Parameters
Condition
Min.
Type
Max.
Units
I
DDAOP
Operating Supply Current1
VDDA+VDDR, PLL Mode, @100MHz, typical
value under VDDO = 1.8V
37
45
mA
I
DDOP
VDD1.8, All outputs active @100MHz, typical
value under VDDO = 1.8V
52
60
mA
I
DDAPD
Powerdown Current1,2
VDDA+VDDR, PLL Mode, @100MHz
1
mA
I
DDPD
VDD1.8, Outputs Low
1.8
mA
Note:
1. Guaranteed by design and characterization, not 100% tested in production.
2. Input clock stopped.
16-0064


Similar Part No. - PI6CDBL401BZHIEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CDBL402B PERICOM-PI6CDBL402B Datasheet
934Kb / 13P
   4 -Output Low Power PCIE GEN 1-2-3 Buffer
PI6CDBL402BLIE PERICOM-PI6CDBL402BLIE Datasheet
934Kb / 13P
   4 -Output Low Power PCIE GEN 1-2-3 Buffer
PI6CDBL402BLIEX PERICOM-PI6CDBL402BLIEX Datasheet
934Kb / 13P
   4 -Output Low Power PCIE GEN 1-2-3 Buffer
More results

Similar Description - PI6CDBL401BZHIEX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
6P61043 RENESAS-6P61043 Datasheet
399Kb / 16P
   4-OUTPUT SMALL FORM FACTOR PCIE GEN1-2-3 BUFFER
Mar 2020
5V41236 RENESAS-5V41236 Datasheet
506Kb / 14P
   4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
logo
Skyworks Solutions Inc.
SI53258 SKYWORKS-SI53258 Datasheet
822Kb / 42P
   8/4-Output PCIe Gen1/2/3/4/5 Clock Buffer
Revision A July, 2022
logo
Integrated Device Techn...
IDT5V41236 IDT-IDT5V41236 Datasheet
336Kb / 18P
   4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
9DBU0731 IDT-9DBU0731 Datasheet
213Kb / 17P
   7-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
logo
Renesas Technology Corp
9DBU0531 RENESAS-9DBU0531 Datasheet
407Kb / 18P
   5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
MARCH 9, 2017
9DBU0931 RENESAS-9DBU0931 Datasheet
407Kb / 18P
   9-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
MARCH 9, 2017
logo
Integrated Device Techn...
9DBU0531 IDT-9DBU0531_17 Datasheet
213Kb / 17P
   5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
9DBU0931 IDT-9DBU0931_17 Datasheet
213Kb / 17P
   9-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
9FGV0431 IDT-9FGV0431_16 Datasheet
224Kb / 15P
   4-OUTPUT VERY LOW POWER PCIE GEN1-2-3 CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com