Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C5946004 Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI6C5946004
Description  6 GHz / 12 Gbps Clock / Data Fanout Buffer with Internal Termination
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C5946004 Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI6C5946004 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C5946004 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C5946004 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C5946004 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C5946004 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C5946004 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C5946004 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C5946004 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6C5946004 Datasheet HTML 12Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
PI6C5946004 Rev A
10/29/14
PI6C5946004
6 GHz / 12 Gbps Clock / Data Fanout Buffer with Internal Termination
Device LVPECL Output Terminations
LVPECL Output Popular Termination
The most popular LVPECL termination is 150ohm pull-down
bias and 100ohm across at RX side. Please consult ASIC data-
sheet if it already has 100ohm or equivalent internal termina-
tion. If so, do not connect external 100ohm across as shown in
Fig. 8. This popular termination’s advantage is that it does not
allow any bias through from VDD. This prevents VDD system
noise coupling onto clock trace.
LVPECL Output Thevenin Termination
Fig. 9 shows CML output Thevenin termination which is used
for shorter trace drive (<5in.), but it takes VDD bias current and
VDD noise can get onto clock trace. It also requires more com-
ponent count. So it is seldom used today.
Fig. 8 LVPECL Output Popular Termination
Fig. 9 LVPECL Thevenin Output Termination
CML Output AC Thevenin Termination
CML AC Thevenin terminations require a 150ohm pull-down
before the AC coupling capacitor at the source as shown in Fig.
10. Note that pull-up/down resistor value is swapped compared
to Fig. 9. This circuit is good for short trace (<5in.) application
only.
CML Output Drive HCSL Input
Using the CML output to drive a HCSL input can be done using
a typical CML AC Thenvenin termination scheme. Use pull-up/
down 450/60ohm to generate Vcm=0.4V for the HCSL input
clock. This termination is equivalent to 50Ohm load as shown in
Fig. 11.
Fig. 11 CML Output Drive HCSL Termination
Fig. 10 CML Output AC Thenvenin Termination
14-0179


Similar Part No. - PI6C5946004

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6C5946004 DIODES-PI6C5946004 Datasheet
1Mb / 15P
   6GHz/ 12Gbps Clock/ Data Fanout Buffer
PI6C5946004ZHIEX DIODES-PI6C5946004ZHIEX Datasheet
1Mb / 15P
   6GHz/ 12Gbps Clock/ Data Fanout Buffer
More results

Similar Description - PI6C5946004

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C5946002 PERICOM-PI6C5946002 Datasheet
1Mb / 12P
   6 GHz / 12 Gbps Clock / Data Fanout Buffer with Internal Termination
PI6C59S6005 PERICOM-PI6C59S6005 Datasheet
1Mb / 13P
   6 GHz Selectable Fanout Buffer with Internal Termination
PI6C5916004 PERICOM-PI6C5916004 Datasheet
961Kb / 12P
   6 GHz 1:4 LVPECL Fanout Buffer with Internal Termination
PI6C5922504 PERICOM-PI6C5922504 Datasheet
971Kb / 12P
   2.5 GHz 1:4 LVDS Fanout Buffer with Internal Termination
logo
ON Semiconductor
NB7L11M ONSEMI-NB7L11M Datasheet
202Kb / 11P
   2.5V/3.3V Differential 1:2 Clock/Data Fanout Buffer/ Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1
NB7L14M ONSEMI-NB7L14M Datasheet
230Kb / 11P
   2.5V/3.3VDifferential 1:4 Clock/Data Fanout Buffer/Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1
logo
Analog Devices
AD9508 AD-AD9508_17 Datasheet
1,009Kb / 40P
   1.65 GHz Clock Fanout Buffer
logo
Micrel Semiconductor
SY89874U MICREL-SY89874U Datasheet
180Kb / 10P
   2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER/FANOUT BUFFER WITH INTERNAL TERMINATION
SY89874U MICREL-SY89874U_07 Datasheet
111Kb / 10P
   2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER/FANOUT BUFFER WITH INTERNAL TERMINATION
SY58021U MICREL-SY58021U_07 Datasheet
142Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com