Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C5946002ZHIE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C5946002ZHIE
Description  6 GHz / 12 Gbps Clock / Data Fanout Buffer with Internal Termination
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C5946002ZHIE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C5946002ZHIE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C5946002ZHIE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C5946002ZHIE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C5946002ZHIE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C5946002ZHIE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C5946002ZHIE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C5946002ZHIE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C5946002ZHIE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C5946002ZHIE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
PI6C5946002 Rev A
11/04/14
Block Diagram
Features
Î
Î
Input Clock Frequency up to 6 GHz Typical
Î
Î
Maximum Input Data Rate up to 12 Gbps Typical
Î
Î
2 pairs of differential CML outputs
Î
Î
Low additive jitter, < 0.05ps (max)
Î
Î
Input accepts: CML, LVDS, CML, SSTL input level
Î
Î
Output to Output skew: <20ps
Î
Î
Operating Temperature: -40oC to 85oC
Î
Î
Power supply: 3.3V ±10% or 2.5V ±5%
Î
Î
Packaging (Pb-free & Green)
Î
Î
16-pin TQFN available
Description
The PI6C5946002 is a high-performance low-skew 1-to-2 CML clock
or data fanout buffer. The inputs accept CML, LVDS, CML and
SSTL signals with internal termination resistors. PI6C5946002 is
ideal for clock / data distribution applications.
Pin Configuration
REF_IN+
VTH
REF_IN-
Q0+
Q0-
Q1+
Q1-
D
LE
Q
EN
Q0+
Q0-
Q1+
Q1-
1
2
3
4
12
11
10
9
16 15 14 13
5 6 7 8
REF_IN+
VTH
VREF-AC
REF_IN-
6 GHz / 12 Gbps Clock / Data Fanout Buffer with Internal Termination
PI6C5946002
14-0180


Similar Part No. - PI6C5946002ZHIE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C5946004 PERICOM-PI6C5946004 Datasheet
1Mb / 12P
   6 GHz / 12 Gbps Clock / Data Fanout Buffer with Internal Termination
logo
Diodes Incorporated
PI6C5946004 DIODES-PI6C5946004 Datasheet
1Mb / 15P
   6GHz/ 12Gbps Clock/ Data Fanout Buffer
logo
Pericom Semiconductor C...
PI6C5946004ZHIE PERICOM-PI6C5946004ZHIE Datasheet
1Mb / 12P
   6 GHz / 12 Gbps Clock / Data Fanout Buffer with Internal Termination
logo
Diodes Incorporated
PI6C5946004ZHIEX DIODES-PI6C5946004ZHIEX Datasheet
1Mb / 15P
   6GHz/ 12Gbps Clock/ Data Fanout Buffer
More results

Similar Description - PI6C5946002ZHIE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C5946004 PERICOM-PI6C5946004 Datasheet
1Mb / 12P
   6 GHz / 12 Gbps Clock / Data Fanout Buffer with Internal Termination
PI6C59S6005 PERICOM-PI6C59S6005 Datasheet
1Mb / 13P
   6 GHz Selectable Fanout Buffer with Internal Termination
PI6C5916004 PERICOM-PI6C5916004 Datasheet
961Kb / 12P
   6 GHz 1:4 LVPECL Fanout Buffer with Internal Termination
PI6C5922504 PERICOM-PI6C5922504 Datasheet
971Kb / 12P
   2.5 GHz 1:4 LVDS Fanout Buffer with Internal Termination
logo
ON Semiconductor
NB7L11M ONSEMI-NB7L11M Datasheet
202Kb / 11P
   2.5V/3.3V Differential 1:2 Clock/Data Fanout Buffer/ Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1
NB7L14M ONSEMI-NB7L14M Datasheet
230Kb / 11P
   2.5V/3.3VDifferential 1:4 Clock/Data Fanout Buffer/Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1
logo
Analog Devices
AD9508 AD-AD9508_17 Datasheet
1,009Kb / 40P
   1.65 GHz Clock Fanout Buffer
logo
Micrel Semiconductor
SY89874U MICREL-SY89874U Datasheet
180Kb / 10P
   2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER/FANOUT BUFFER WITH INTERNAL TERMINATION
SY89874U MICREL-SY89874U_07 Datasheet
111Kb / 10P
   2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER/FANOUT BUFFER WITH INTERNAL TERMINATION
SY58021U MICREL-SY58021U_07 Datasheet
142Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com