Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C5922504 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI6C5922504
Description  2.5 GHz 1:4 LVDS Fanout Buffer with Internal Termination
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C5922504 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI6C5922504 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C5922504 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C5922504 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C5922504 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C5922504 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C5922504 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C5922504 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C5922504 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C5922504 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
PI6C5922504 Rev A
08/14/2014
PI6C5922504
2.5 GHz 1:4 LVDS Fanout Buffer with Internal Termination
Phase Noise Plots
Configuration Test Load Board Termination for LVDS Outputs
100
Z = 50
o
Z = 50
o
LVDS Buffer
VCC
L = 0 ~ 10 in.
14-0127


Similar Part No. - PI6C5922504

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6C5921512 DIODES-PI6C5921512 Datasheet
1Mb / 14P
   12 Output LVDS Fanout Buffer
PI6C5921512ZDIEX DIODES-PI6C5921512ZDIEX Datasheet
1Mb / 14P
   12 Output LVDS Fanout Buffer
PI6C5921516 DIODES-PI6C5921516 Datasheet
1Mb / 14P
   16 Output LVDS Fanout Buffer
PI6C5921516ZDIEX DIODES-PI6C5921516ZDIEX Datasheet
1Mb / 14P
   16 Output LVDS Fanout Buffer
More results

Similar Description - PI6C5922504

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C5916004 PERICOM-PI6C5916004 Datasheet
961Kb / 12P
   6 GHz 1:4 LVPECL Fanout Buffer with Internal Termination
logo
Micrel Semiconductor
SY89832U MICREL-SY89832U_14 Datasheet
866Kb / 13P
   2.5V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89832U MICREL-SY89832U Datasheet
156Kb / 10P
   2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89833L MICREL-SY89833L_14 Datasheet
652Kb / 13P
   3.3V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89833L MICREL-SY89833L_07 Datasheet
123Kb / 10P
   3.3V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
logo
Microchip Technology
SY89832U MICROCHIP-SY89832U Datasheet
1Mb / 22P
   2.5V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
Revision A (March 2022)
logo
Micrel Semiconductor
SY89832U MICREL-SY89832U_07 Datasheet
118Kb / 10P
   2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
logo
ON Semiconductor
NB3L14S ONSEMI-NB3L14S Datasheet
127Kb / 8P
   2.5 V 1:4 LVDS Fanout Buffer
November, 2012 ??Rev. 0
logo
Pericom Semiconductor C...
PI6C59S6005 PERICOM-PI6C59S6005 Datasheet
1Mb / 13P
   6 GHz Selectable Fanout Buffer with Internal Termination
logo
Micrel Semiconductor
SY89833AL MICREL-SY89833AL Datasheet
419Kb / 12P
   3.3V Low Noise Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com