Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C5916004ZHIE Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI6C5916004ZHIE
Description  6 GHz 1:4 LVPECL Fanout Buffer with Internal Termination
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C5916004ZHIE Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI6C5916004ZHIE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C5916004ZHIE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C5916004ZHIE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C5916004ZHIE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C5916004ZHIE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C5916004ZHIE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C5916004ZHIE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C5916004ZHIE Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6C5916004ZHIE Datasheet HTML 12Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
PI6C5916004 Rev C
10/27/2014
PI6C5916004
6 GHz 1:4 LVPECL Fanout Buffer with Internal Termination
Device LVPECL Output Terminations
LVPECL Output Popular Termination
The most popular LVPECL termination is 150ohm pull-down
bias and 100ohm across at RX side. Please consult ASIC data-
sheet if it already has 100ohm or equivalent internal termina-
tion. If so, do not connect external 100ohm across as shown in
Fig. 8. This popular termination’s advantage is that it does not
allow any bias through from VDD. This prevents VDD system
noise coupling onto clock trace.
LVPECL Output Thevenin Termination
Fig. 9 shows LVPECL output Thevenin termination which is
used for shorter trace drive (<5in.), but it takes VDD bias current
and VDD noise can get onto clock trace. It also requires more
component count. So it is seldom used today.
Fig. 8 LVPECL Output Popular Termination
Fig. 9 LVPECL Thevenin Output Termination
LVPECL Output AC Thevenin Termination
LVPECL AC Thevenin terminations require a 150ohm pull-
down before the AC coupling capacitor at the source as shown
in Fig. 10. Note that pull-up/down resistor value is swapped
compared to Fig. 9. This circuit is good for short trace (<5in.)
application only.
LVPECL Output Drive HCSL Input
Using the LVPECL output to drive a HCSL input can be done
using a typical LVPECL AC Thenvenin termination scheme.
Use pull-up/down 450/60ohm to generate Vcm=0.4V for the
HCSL input clock. This termination is equivalent to 50Ohm
load as shown in Fig. 11.
Fig. 11 LVPECL Output Drive HCSL Termination
Fig. 10 LVPECL Output AC Thenvenin Termination
14-0181


Similar Part No. - PI6C5916004ZHIE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6C5912006 DIODES-PI6C5912006 Datasheet
1Mb / 12P
   6 Output LVPECL Fanout Buffer
PI6C5912006ZHIEX DIODES-PI6C5912006ZHIEX Datasheet
1Mb / 12P
   6 Output LVPECL Fanout Buffer
PI6C5912012 DIODES-PI6C5912012 Datasheet
1Mb / 15P
   12 Output LVPECL Fanout Buffer
PI6C5912012ZDIEX DIODES-PI6C5912012ZDIEX Datasheet
1Mb / 15P
   12 Output LVPECL Fanout Buffer
PI6C5912016 DIODES-PI6C5912016 Datasheet
1Mb / 14P
   16 Output LVPECL Fanout Buffer
More results

Similar Description - PI6C5916004ZHIE

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58021U MICREL-SY58021U_07 Datasheet
142Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
SY58021U MICREL-SY58021U Datasheet
133Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
logo
Pericom Semiconductor C...
PI6C59S6005 PERICOM-PI6C59S6005 Datasheet
1Mb / 13P
   6 GHz Selectable Fanout Buffer with Internal Termination
logo
Micrel Semiconductor
SY89831U MICREL-SY89831U_10 Datasheet
851Kb / 11P
   UlTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U_14 Datasheet
758Kb / 14P
   Ultra-Precision 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89831U MICREL-SY89831U Datasheet
130Kb / 11P
   ULTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
logo
Pericom Semiconductor C...
PI6C5922504 PERICOM-PI6C5922504 Datasheet
971Kb / 12P
   2.5 GHz 1:4 LVDS Fanout Buffer with Internal Termination
logo
Micrel Semiconductor
SY89854U MICREL-SY89854U Datasheet
550Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89854U MICREL-SY89854U_07 Datasheet
567Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY58021U MICREL-SY58021U_10 Datasheet
721Kb / 13P
   4GHz, 1:4 LVPECL Fanout Buffer/Translator with Internal Termination Precision Edge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com