Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C4931504-04 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6C4931504-04
Description  High Performance HCSL Fanout Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C4931504-04 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6C4931504-04 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C4931504-04 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C4931504-04 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C4931504-04 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C4931504-04 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C4931504-04 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PI6C4931504-04
High Performance HCSL Fanout Buffer
PRELIMINARY INFORMATION - COMPANY CONFIDENTIAL
4
PI6C4931504-04
Rev A
08/14/2012
4
DC Electrical Specifications - LVCMOS Inputs
Symbol Parameter
Conditions
Min.
Typ.
Max.
Units
IIH
Input High current
CLK1, CLK_SEL
Input = VDD
200
uA
CLK_EN
20
uA
IIL
Input Low current
CLK1, CLK_SEL
Input = GND
-10
uA
CLK_EN
-200
uA
VIH
Input high voltage
VDD=3.3V
2.0
3.765
V
VIL
Input low voltage
VDD=3.3V
-0.3
0.8
V
VIH
Input high voltage
VDD=2.5V
1.7
2.8
V
VIL
Input low voltage
VDD=2.5V
-0.3
0.7
V
DC Electrical Specifications – HCSL Outputs
Parameter Description
Conditions
Min.
Typ.
Max.
Units
VOH
Output High voltage
VDD=3.3V
520
800
mV
VOL
Output Low voltage
VDD=3.3V
0
150
mV
12-0251


Similar Part No. - PI6C4931504-04

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C4931502-04 PERICOM-PI6C4931502-04 Datasheet
979Kb / 6P
   High Performance HCSL Fanout Buffer
PI6C4931502-04LIE PERICOM-PI6C4931502-04LIE Datasheet
979Kb / 6P
   High Performance HCSL Fanout Buffer
More results

Similar Description - PI6C4931504-04

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C4931502-04 PERICOM-PI6C4931502-04 Datasheet
979Kb / 6P
   High Performance HCSL Fanout Buffer
logo
Integrated Device Techn...
8T73S1802 IDT-8T73S1802 Datasheet
663Kb / 24P
   High-performance fanout buffer clock and fanout buffer
logo
ON Semiconductor
NB3L204K ONSEMI-NB3L204K_17 Datasheet
406Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
October, 2017 ??Rev. 1
logo
Integrated Device Techn...
9DBV0541 IDT-9DBV0541_16 Datasheet
218Kb / 17P
   5-output 1.8V HCSL Fanout Buffer
9DBV0741 IDT-9DBV0741 Datasheet
221Kb / 17P
   7-output 1.8V HCSL Fanout Buffer
9DBV0531 IDT-9DBV0531_17 Datasheet
204Kb / 17P
   5-Output 1.8V HCSL Fanout Buffer
logo
ON Semiconductor
NB3L202K ONSEMI-NB3L202K_18 Datasheet
143Kb / 14P
   Differential 1:2 HCSL Fanout Buffer
January, 2018 ??Rev. 4
NB3L204K ONSEMI-NB3L204K Datasheet
319Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
April, 2016 ??Rev. 0
NB3L208K ONSEMI-NB3L208K_17 Datasheet
205Kb / 13P
   Differential 1:8 HCSL Fanout Buffer
October, 2017 ??Rev. 3
logo
Integrated Device Techn...
9DBV0731 IDT-9DBV0731_16 Datasheet
264Kb / 17P
   7-output 1.8V HCSL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com