Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C4911505-07 Datasheet(PDF) 11 Page - Pericom Semiconductor Corporation

Part # PI6C4911505-07
Description  High Performance 1:5 LVPECL Fanout Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C4911505-07 Datasheet(HTML) 11 Page - Pericom Semiconductor Corporation

Back Button PI6C4911505-07 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C4911505-07 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C4911505-07 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C4911505-07 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C4911505-07 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C4911505-07 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C4911505-07 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C4911505-07 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6C4911505-07 Datasheet HTML 12Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
www.pericom.com
PI6C4911505-07 Rev C
01/26/16
PI6C4911505-07
High Performance 1:5 LVPECL Fanout Buffer
3) Chassis air flow and cooling mechanism. More air flow M/s
and adding heat sink on device can reduce device final die junc-
tion temperature Tj
The individual device thermal calculation formula:
Tj =Ta + Pchip x Ja
Tc = Tj - Pchip x Jc
Ja ___ Package thermal resistance from die to the ambient air
in C/W unit; This data is provided in JEDEC model simulation.
An air flow of 1m/s will reduce Ja (still air) by 20~30%
Jc ___ Package thermal resistance from die to the package case
in C/W unit
Tj ___ Die junction temperature in C (industry limit <125C
max.)
Ta ___ Ambiant air température in C
Tc ___ Package case temperature in C
Pchip___ IC actually consumes power through Iee/GND cur-
rent
Thermal Information
Symbol
Description
Condition
Q
JA
Junction-to-ambient thermal resistance
Still air
84.0 OC/W
Q
JC
Junction-to-case thermal resistance
17.0 OC/W
Thermal calculation example
To calculate Tj and Tc of PI6CV304 in an SOIC-8 package:
Step 1: Go to Pericom web to find Ja=157 C/W, Jc=42 C/W
http://www.pericom.com/support/packaging/packaging-me-
chanicals-and-thermal-characteristics/
Step 2: Go to device datasheet to find Idd=40mA max.
Step 3: P_total= 3.3Vx40mA=0.132W
Step 4: If Ta=85C
Tj= 85 + Ja xP_total= 85+25.9 = 105.7C
Tc= Tj + Jc xP_total= 105.7- 5.54 = 100.1C
Note:
The above calculation is directly using Idd current without sub-
tracting the load power, so it is a conservative estimation. For
more precise thermal calculation, use P_unload or P_chip from
device Iee or GND current to calculate Tj, especially for LVPECL
buffer ICs that have a 150ohm pull-down and equivalent 100ohm
differential RX load.
16-0016


Similar Part No. - PI6C4911505-07

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C4911505-04 PERICOM-PI6C4911505-04 Datasheet
1Mb / 7P
   High Performance 1:5 LVPECL Fanout Buffer
PI6C4911505-04LIE PERICOM-PI6C4911505-04LIE Datasheet
1Mb / 7P
   High Performance 1:5 LVPECL Fanout Buffer
PI6C4911505-04LIEX PERICOM-PI6C4911505-04LIEX Datasheet
1Mb / 7P
   High Performance 1:5 LVPECL Fanout Buffer
More results

Similar Description - PI6C4911505-07

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C4911505 PERICOM-PI6C4911505 Datasheet
943Kb / 8P
   High Performance 1:5 LVPECL Fanout Buffer
PI6C4911505-04 PERICOM-PI6C4911505-04 Datasheet
1Mb / 7P
   High Performance 1:5 LVPECL Fanout Buffer
PI6C4911504-03 PERICOM-PI6C4911504-03 Datasheet
949Kb / 9P
   High Performance LVPECL Fanout Buffer
PI6C4911504-01 PERICOM-PI6C4911504-01 Datasheet
1Mb / 12P
   High Performance LVPECL Fanout Buffer
logo
ON Semiconductor
NB3L853141 ONSEMI-NB3L853141_15 Datasheet
113Kb / 10P
   2.5V/3.3V 1:5 LVPECL Fanout Buffer
December, 2015 ??Rev. 2
logo
Pericom Semiconductor C...
PI6C4911506 PERICOM-PI6C4911506 Datasheet
1Mb / 14P
   6 Output High Performance LVPECL Fanout Buffer
logo
Integrated Device Techn...
8538-31 IDT-8538-31 Datasheet
226Kb / 14P
   LVPECL Fanout Buffer
logo
Renesas Technology Corp
IDT8T53S111I RENESAS-IDT8T53S111I Datasheet
841Kb / 19P
   1:10 LVPECL Output Fanout Buffer
2019
logo
Integrated Device Techn...
853S024 IDT-853S024_11 Datasheet
900Kb / 19P
   LVPECL Fanout Buffer
ICS8535-31 IDT-ICS8535-31 Datasheet
272Kb / 15P
   LVPECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com