Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC420QS16 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC420QS16
Description  CELLULAR RFIC DOWNCONVERTER, 0.7 - 1.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC420QS16 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC420QS16 Datasheet HTML 1Page - Hittite Microwave Corporation HMC420QS16 Datasheet HTML 2Page - Hittite Microwave Corporation HMC420QS16 Datasheet HTML 3Page - Hittite Microwave Corporation HMC420QS16 Datasheet HTML 4Page - Hittite Microwave Corporation HMC420QS16 Datasheet HTML 5Page - Hittite Microwave Corporation HMC420QS16 Datasheet HTML 6Page - Hittite Microwave Corporation HMC420QS16 Datasheet HTML 7Page - Hittite Microwave Corporation HMC420QS16 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MICROWAVE CORPORATION
12 - 247
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
12
HMC420QS16
CELLULAR RFIC
DOWNCONVERTER, 0.7 - 1.0 GHz
v01.1102
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
1, 7, 9, 14, 16
N/C
Not Connected
2
LO Port
This pin is AC coupled and matched to 50 Ohm
from 0.7 - 1.0 GHz. An external series inductor (6.8 nH)
is required.
3, 4, 11, 12,
13
GND
Pin must connect to RF ground.
5
Vdd LO
Power supply for the LO amplifier. One external RF
bypass capacitor (10,000 pF) is required.
6
Vdd IF
Bias voltage for IF amplifier. One external RF bypass
capacitor (10,000 pF) is required.
8
IF Bias
DC bias setting for IF amplifier.
10
IF Port
Output of IF and bias port for amplifier. A pull up inductor
(L1), output matching network (C5, C6, L2), and 10,000
pF bypass capacitor (C4) are required.
15
RF Port
This pin is DC coupled and matched to 50 Ohm
from 0.7 - 1.0 GHz.


Similar Part No. - HMC420QS16

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC420QS16 HITTITE-HMC420QS16 Datasheet
829Kb / 8P
   CELLULAR RFIC DOWNCONVERTER, 0.7 - 1.0 GHz
HMC420QS16E HITTITE-HMC420QS16E Datasheet
829Kb / 8P
   CELLULAR RFIC DOWNCONVERTER, 0.7 - 1.0 GHz
HMC420QS16 HITTITE-HMC420QS16_10 Datasheet
829Kb / 8P
   CELLULAR RFIC DOWNCONVERTER, 0.7 - 1.0 GHz
More results

Similar Description - HMC420QS16

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC420QS16 HITTITE-HMC420QS16_10 Datasheet
829Kb / 8P
   CELLULAR RFIC DOWNCONVERTER, 0.7 - 1.0 GHz
HMC377QS16G HITTITE-HMC377QS16G Datasheet
298Kb / 8P
   CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC377QS16G HITTITE-HMC377QS16G_08 Datasheet
270Kb / 8P
   CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC623LP4 HITTITE-HMC623LP4 Datasheet
713Kb / 8P
   RFIC DOWNCONVERTER SMT, 1.8 - 2.7 GHz
HMC621LP4 HITTITE-HMC621LP4 Datasheet
703Kb / 8P
   RFIC DOWNCONVERTER SMT, 0.9 - 1.6 GHz
HMC683LP6C HITTITE-HMC683LP6C Datasheet
868Kb / 10P
   HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ LO SWITCH, 0.7 - 1.0 GHz
HMC381LP6 HITTITE-HMC381LP6 Datasheet
328Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.2 GHz
HMC381LP6 HITTITE-HMC381LP6_08 Datasheet
320Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.7 GHz
HMC421QS16 HITTITE-HMC421QS16 Datasheet
278Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.4 - 2.3 GHz
HMC380QS16G HITTITE-HMC380QS16G_06 Datasheet
354Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com