Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC414MS8G Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part No. HMC414MS8G
Description  GaAs InGaP HBT MMIC POWER AMPLIFIER, 2.2 - 2.8 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC414MS8G Datasheet(HTML) 2 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MICROWAVE CORPORATION
8 - 175
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
+25 C
+85 C
-40 C
FREQUENCY (GHz)
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
S11
S22
FREQUENCY (GHz)
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
S11
S22
FREQUENCY (GHz)
HMC414MS8G
Return Loss, Vs= 3.6V
Return Loss, Vs= 5.0V
GaAs InGaP HBT MMIC
POWER AMPLIFIER, 2.2 - 2.8 GHz
v02.1202
Gain vs. Temperature, Vs= 3.6V
Gain vs. Temperature, Vs= 5.0V
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
+25 C
+85 C
-40 C
FREQUENCY (GHz)
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
+25 C
+85 C
-40 C
FREQUENCY (GHz)
P1dB vs. Temperature, Vs= 3.6V
P1dB vs. Temperature, Vs= 5.0V


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn