Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC413QS16G Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part No. HMC413QS16G
Description  GaAs InGaP HBT MMIC POWER AMPLIFIER, 1.6 - 2.2 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC413QS16G Datasheet(HTML) 6 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MICROWAVE CORPORATION
8 - 171
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
Pin Number
Function
Description
Interface Schematic
1, 2, 4, 5, 7, 8,
9, 10, 13, 15
GND
Ground: Backside of package has exposed metal ground slug that must
be connected to ground thru a short path. Vias under the device are
required.
3, 14
Vpd1, Vpd2
Power Control Pin. For maximum power, this pin should be connected
to 3.6V. For 5V operation, a dropping resistor is required. A higher
voltage is not recommended. For lower idle current, this voltage can be
reduced.
6
RF IN
This pin is AC coupled and matched to 50 Ohms from 1.6 to 2.2 GHz.
11, 12
RF OUT
RF output and bias for the output stage.
16
Vcc
Power supply voltage for the first amplifier stage. An external bypass
capacitor of 330 pF is required as shown in the application schematic.
HMC413QS16G
GaAs InGaP HBT MMIC
POWER AMPLIFIER, 1.6 - 2.2 GHz
v03.1203
Pin Descriptions


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn