Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC408LP3 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part No. HMC408LP3
Description  GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC408LP3 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MICROWAVE CORPORATION
8 - 164
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
HMC408LP3
GaAs InGaP HBT MMIC 1 WATT
POWER AMPLIFIER, 5.1 - 5.9 GHz
v02.0604
General Description
Features
Functional Diagram
The HMC408LP3 is a 5.1 - 5.9 GHz high effi-
ciency GaAs InGaP Heterojunction Bipolar Tran-
sistor (HBT) Power Amplifier MMIC which offers
+30 dBm P1dB. The amplifier provides 20 dB of
gain, +32.5 dBm of saturated power, and 27%
PAE from a +5.0V supply voltage. The input is
internally matched to 50 Ohms while the output
requires
a minimum of external components.
Vpd can be used for full power down or RF output
power/current control. The amplifier is packaged
in a low cost, 3x3 mm leadless surface mount
package with an exposed base for improved RF
and thermal performance.
Gain: 20 dB
Saturated Power: +32.5 dBm @ 27% PAE
Single Supply Voltage: +5.0 V
Power Down Capability
3x3 mm Leadless SMT Package
Electrical Specifications, T
A = +25° C, Vs = 5V, Vpd = 5V
Typical Applications
The HMC408LP3 is ideal for:
• 802.11a & HiperLAN WLAN
• UNII & Pt-Pt / Multi-Pt. Radios
• Access Point Radios
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
5.7 - 5.9
5.1 - 5.9
GHz
Gain
17
20
17
20
dB
Gain Variation Over Temperature
0.045
0.055
0.045
0.055
dB/°C
Input Return Loss
8
8
dB
Output Return Loss*
14
6
dB
Output Power for 1 dB Compression (P1dB)
Icq= 750 mA
Icq= 500 mA
27
30
27
24
27
23
dBm
Saturated Output Power (Psat)
32.5
31
dBm
Output Third Order Intercept (IP3)
40
43
36
39
dBm
Harmonics, Pout= 30 dBm, F= 5.8 GHz
2 fo
3 fo
-50
-90
-50
-90
dBc
dBc
Noise Figure
6
6
dB
Supply Current (Icq)
Vpd= 0V/5V
0.002 / 750
0.002 / 750
mA
Control Current (Ipd)
Vpd= 5V
14
14
mA
Switching Speed
tOn, tOff
50
50
ns
* Output match optimized for 5.7 - 5.9 GHz operation. See Application Circuit herein.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn