Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC407MS8G Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part No. HMC407MS8G
Description  GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 7.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC407MS8G Datasheet(HTML) 3 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MICROWAVE CORPORATION
8 - 152
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
0
2
4
6
8
1012
14161820
Pout (dBm)
Gain (dB)
PAE (%)
INPUT POWER (dBm)
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
44
4
4.5
5
5.5
6
6.5
7
7.5
8
+25 C
+85 C
-40 C
FREQUENCY (GHz)
Power Compression @ 5.8 GHz
Output IP3 vs. Temperature
HMC407MS8G
GaAs InGaP HBT MMIC
POWER AMPLIFIER, 5.0 - 7.0 GHz
v01.1202
0
1
2
3
4
5
6
7
8
9
10
5
5.5
6
6.5
7
+25C
+85C
-40C
FREQUENCY (GHz)
Noise Figure vs. Temperature
Gain & Power vs. Supply Voltage
8
9
10
11
12
13
14
15
16
17
18
20
21
22
23
24
25
26
27
28
29
30
4.75
5
5.25
Vcc SUPPLY VOLTAGE (Vdc)
-50
-40
-30
-20
-10
0
4
4.5
5
5.5
6
6.5
7
7.5
8
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
4
4.5
5
5.5
6
6.5
7
7.5
8
FREQUENCY (GHz)
Reverse Isolation vs. Temperature
Power Down Isolation


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HMC406MS8GGaAs InGaP HBT MMIC POWER AMPLIFIER 5.0 - 6.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC414MS8GGaAs InGaP HBT MMIC POWER AMPLIFIER 2.2 - 2.8 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC415LP3GaAs InGaP HBT MMIC POWER AMPLIFIER 4.9 - 5.9 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC450QS16GGaAs InGaP HBT MMIC POWER AMPLIFIER 0.8 - 1.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC327MS8GGaAs InGaP HBT MMIC POWER AMPLIFIER 3.0 - 4.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC408LP3GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER 5.1 - 5.9 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC315GaAs InGaP HBT MMIC DARLINGTON AMPLIFIER DC - 7.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC413QS16GGaAs InGaP HBT MMIC POWER AMPLIFIER 1.6 - 2.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC451GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER 5.0 - 20.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn