Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28722DBVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28722DBVT
Description  Constant-Voltage, Constant-Current Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28722DBVT Datasheet(HTML) 5 Page - Texas Instruments

  UCC28722DBVT Datasheet HTML 1Page - Texas Instruments UCC28722DBVT Datasheet HTML 2Page - Texas Instruments UCC28722DBVT Datasheet HTML 3Page - Texas Instruments UCC28722DBVT Datasheet HTML 4Page - Texas Instruments UCC28722DBVT Datasheet HTML 5Page - Texas Instruments UCC28722DBVT Datasheet HTML 6Page - Texas Instruments UCC28722DBVT Datasheet HTML 7Page - Texas Instruments UCC28722DBVT Datasheet HTML 8Page - Texas Instruments UCC28722DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
UCC28722
www.ti.com
SLUSBL7B – DECEMBER 2013 – REVISED OCTOBER 2015
6.5 Electrical Characteristics
over operating free-air temperature range, VVDD = 25 V, HV = open, RCBC = open, TA = -40°C to 125°C, TA = TJ
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BIAS SUPPLY INPUT
IRUN
Supply current, run
IDRV = 0, run state
2.00
2.65
mA
IWAIT
Supply current, wait
IDRV = 0, wait state
95
170
µA
ISTART
Supply current, start
IDRV = 0, VVDD = 18 V, start state, IHV = 0
1.0
1.5
µA
IFAULT
Supply current, fault
IDRV = 0, fault state
2.00
2.65
mA
UNDERVOLTAGE LOCKOUT
VVDD(on)
VDD turnon threshold
VVDD low to high
19
21
23
V
VVDD(off)
VDD turnoff threshold
VVDD high to low
7.2
7.7
8.3
V
VS INPUT
VVSR
Regulating level
Measured at no-load condition, TJ = 25°C
(1)
3.99
4.05
4.11
V
VVSNC
Negative clamp level
IVS = –300 µA, volts below ground
190
250
325
mV
IVSB
Input bias current
VVS = 4 V
–0.25
0
0.25
µA
CS INPUT
VCST(max) Max CS threshold voltage
VVS = 3.7 V
730
780
820
mV
VCST(min)
Min CS threshold voltage
VVS = 4.35 V
170
190
220
mV
KAM
AM control ratio
VCST(max) / VCST(min)
3.6
4.0
4.4
V/V
VCCR
Constant current regulating level
CC regulation constant
314
330
347
mV
KLC
Line compensation current ratio
IVSLS = –300 µA, IVSLS / current out of CS pin
24.0
25.0
28.6
A/A
TCSLEB
Leading-edge blanking time
DRV output duration, V CS = 1 V
230
290
355
ns
DRIVER
IDRS(max)
Maximum DRV source current
VDRV = 2 V, VVDD = 9 V, VVS = 3.85 V
31
37
42
mA
IDRS(min)
Minimum DRV source current
VDRV = 2 V, VVDD = 9 V, VVS = 4.30 V
15
19
23
mA
RDRVLS
DRV low-side drive resistance
IDRV = 10 mA
1
2.4
Ω
VDRCL
DRV clamp voltage
VVDD = 35 V
5.9
7
V
RDRVSS
DRV pulldown in start state
20
25
k
Ω
TIMING
fSW(max)
Maximum switching frequency
VVS = 3.7 V
72
80
89
kHz
fSW(min)
Minimum switching frequency
VVS = 4.35 V
570
650
750
Hz
tZTO
Zero-crossing timeout delay
2.4
3.1
3.7
µs
PROTECTION
VOVP
Overvoltage threshold
At VS input, TJ = 25°C
(1)
4.49
4.60
4.75
V
VOCP
Overcurrent threshold
At CS input
1.4
1.5
1.6
V
IVSL(run)
VS line-sense run current
Current out of VS pin increasing
188
225
277
µA
IVSL(stop)
VS line-sense stop current
Current out of VS pin decreasing
70
80
100
µA
KVSL
VS line sense ratio
IVSL(run) / IVSL(stop)
2.45
2.80
3.05
A/A
TJ(stop)
Thermal shutdown temperature
Internal junction temperature
165
°C
CABLE COMPENSATION
Cable compensation maximum
VCBC(max)
Voltage at CBC at full load
2.9
3.1
3.5
V
voltage
VCBC = open, change in VS regulating level at full
VCVS(min)
Minimum compensation at VS
–55
–15
25
mV
load
VCBC = 0 V, change in VS regulating level at full
VCVS(max) Maximum compensation at VS
270
320
385
mV
load
(1)
The regulating level and over voltage at VS decreases with temperature by 0.8 mV/
˚C. This compensation is included to reduce the
power supply output voltage variance over temperature.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: UCC28722


Similar Part No. - UCC28722DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28720 TI-UCC28720 Datasheet
1Mb / 29P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28720D TI-UCC28720D Datasheet
1Mb / 29P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28720DR TI-UCC28720DR Datasheet
1Mb / 29P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28720 TI-UCC28720_15 Datasheet
1Mb / 33P
[Old version datasheet]   UCC28720 Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
More results

Similar Description - UCC28722DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28710 TI1-UCC28710_15 Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
logo
HTC Korea TAEJIN Techno...
TJ1052 HTC-TJ1052 Datasheet
181Kb / 4P
   CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
TJ1051 HTC-TJ1051_08 Datasheet
192Kb / 4P
   CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
logo
BCD Semiconductor Manuf...
AP4313 BCDSEMI-AP4313_10 Datasheet
685Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Seaward Electronics Inc...
SE1052 SEAWARD-SE1052 Datasheet
288Kb / 8P
   Constant Voltage and Constant Current Controller
logo
Diodes Incorporated
AP4305 DIODES-AP4305 Datasheet
451Kb / 10P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313 DIODES-AP4313 Datasheet
359Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4312Q DIODES-AP4312Q Datasheet
562Kb / 11P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Unisonic Technologies
UM608 UTC-UM608_15 Datasheet
221Kb / 4P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
ON Semiconductor
NCS1002A ONSEMI-NCS1002A Datasheet
101Kb / 9P
   Constant Voltage / Constant Current SecondarySide Controller
June, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com