Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-8768102VEA Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-8768102VEA
Description  Rad-Tolerant Class-V, High-Speed PWM Controller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-8768102VEA Datasheet(HTML) 4 Page - Texas Instruments

  5962-8768102VEA Datasheet HTML 1Page - Texas Instruments 5962-8768102VEA Datasheet HTML 2Page - Texas Instruments 5962-8768102VEA Datasheet HTML 3Page - Texas Instruments 5962-8768102VEA Datasheet HTML 4Page - Texas Instruments 5962-8768102VEA Datasheet HTML 5Page - Texas Instruments 5962-8768102VEA Datasheet HTML 6Page - Texas Instruments 5962-8768102VEA Datasheet HTML 7Page - Texas Instruments 5962-8768102VEA Datasheet HTML 8Page - Texas Instruments 5962-8768102VEA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
INV
NI
EAOUT
CLK/LEB
RT
CT
RAMP
SS
VREF
VCC
OUTB
VC
PGND
OUTA
GND
ILIM
UC1825A-SP
SLUS873B – JANUARY 2009 – REVISED OCTOBER 2015
www.ti.com
6 Pin Configuration and Functions
J Package
16-Pin CDIP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
CLK/LEB
4
O
Output of the internal oscillator
Timing capacitor connection pin for oscillator frequency programming. The timing capacitor must be
CT
6
I
connected to the device ground using minimal trace length.
EAOUT
3
O
Output of the error amplifier for compensation
GND
10
Analog ground return pin
ILIM
9
I
Input to the current limit comparator
INV
1
I
Inverting input to the error amplifier
NI
2
I
noninverting input to the error amplifier
OUTA
11
O
High current totem pole output A of the on-chip drive stage
OUTB
14
O
High current totem pole output B of the on-chip drive stage
PGND
12
Ground return pin for the output driver stage
Noninverting input to the PWM comparator with 1.25-V internal input offset. In voltage mode operation,
RAMP
7
I
this serves as the input voltage feed-forward function by using the CT ramp. In peak current mode
operation, this serves as the slope compensation input.
RT
5
I
Timing resistor connection pin for oscillator frequency programming
SS
8
I
Soft-start input pin that also doubles as the maximum duty cycle clamp
Power supply pin for the output stage. This pin must be bypassed with a 0.1-
μF monolithic ceramic low
VC
13
ESL capacitor with minimal trace lengths.
Power supply pin for the device. This pin must be bypassed with a 0.1-
μF monolithic ceramic low ESL
VCC
15
capacitor with minimal trace lengths
5.1-V reference. For stability, the reference must be bypassed with a 0.1-
μF monolithic ceramic low ESL
VREF
16
O
capacitor and minimal trace length to the ground plane.
4
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: UC1825A-SP


Similar Part No. - 5962-8768102VEA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-8768102VEA TI-5962-8768102VEA Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
5962-8768102VEA TI1-5962-8768102VEA Datasheet
513Kb / 16P
[Old version datasheet]   RAD-TOLERANT CLASS-V, HIGH-SPEED PWM CONTROLLER
5962-8768102VEA TI1-5962-8768102VEA Datasheet
831Kb / 40P
[Old version datasheet]   Class-V, Radiation Hardened High-Speed PWM Controller
More results

Similar Description - 5962-8768102VEA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1825A-SP TI1-UC1825A-SP Datasheet
513Kb / 16P
[Old version datasheet]   RAD-TOLERANT CLASS-V, HIGH-SPEED PWM CONTROLLER
UC1825-SP TI-UC1825-SP_15 Datasheet
264Kb / 18P
[Old version datasheet]   RAD-TOLERANT CLASS V, HIGH-SPEED PWM CONTROLLER
UC1825A-DIE TI-UC1825A-DIE_15 Datasheet
153Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
UC1825-DIE TI-UC1825-DIE_15 Datasheet
120Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
UC1846-SP TI1-UC1846-SP Datasheet
631Kb / 15P
[Old version datasheet]   RAD-TOLERANT CLASS-V, CURRENT-MODE PWM CONTROLLER
UC19432-SP TI-UC19432-SP_15 Datasheet
755Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
UC19432-SP TI1-UC19432-SP Datasheet
770Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
UC1875-SP TI1-UC1875-SP_15 Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
UC1625-SP TI1-UC1625-SP Datasheet
304Kb / 21P
[Old version datasheet]   RAD-TOLERANT CLASS V, BRUSHLESS DC MOTOR CONTROLLER
UC1875-SP TI1-UC1875-SP Datasheet
548Kb / 20P
[Old version datasheet]   RAD-TOLERANT CLASS-V, PHASE SHIFT RESONANT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com