Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2066C-2 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2066C-2
Description  Dual Channel, Current-Limited, Power-Distribution Switches
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2066C-2 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2066C-2 Datasheet HTML 4Page - Texas Instruments TPS2066C-2 Datasheet HTML 5Page - Texas Instruments TPS2066C-2 Datasheet HTML 6Page - Texas Instruments TPS2066C-2 Datasheet HTML 7Page - Texas Instruments TPS2066C-2 Datasheet HTML 8Page - Texas Instruments TPS2066C-2 Datasheet HTML 9Page - Texas Instruments TPS2066C-2 Datasheet HTML 10Page - Texas Instruments TPS2066C-2 Datasheet HTML 11Page - Texas Instruments TPS2066C-2 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
TPS2052C, TPS2062C, TPS2062C-2, TPS2066C, TPS2066C-2
TPS2060C, TPS2064C, TPS2064C-2, TPS2002C, TPS2003C
SLVSAX6H – OCTOBER 2011 – REVISED DECEMBER 2015
www.ti.com
Electrical Characteristics: TJ = TA = 25°C (continued)
VIN = 5 V, VENx = VIN or VENx = 0 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
OUTPUT DISCHARGE
RPD
Output pulldown resistance(2)
VIN = VOUTx = 5 V, disabled
TPS20xxC
400
470
600
(2)
These parameters are provided for reference only, and do not constitute part of TI’s published device specifications for purposes of TI’s
product warranty.
7.6 Electrical Characteristics: –40°C
≤ (T
J = TA) ≤ 125°C
(1)
4.5 V
≤ VIN ≤ 5.5 V, VENx = VIN or VENx = 0 V, IOUTx = 0 A (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP(2)
MAX
UNIT
POWER SWITCH
TPS2052C (0.5 A)
DGN
70
112
TPS2062C, 66C, and 66C-2 (1 A)
DGN
70
112
TPS2062C and 66C (1 A)
D
90
135
rDS(on)
On-resistance
m
Ω
TPS2062C-2 (1 A)
DRB
73
115
TPS2060C, 64C, and 64C-2 (1.5 A)
DGN
70
112
TPS2002C and 03C (2 A)
DRC
70
112
ENABLE INPUT (ENx or ENx)
VIH
ENx (ENx), High-level input voltage
4.5 V
≤ VIN ≤ 5.5 V
2
VIL
ENx (ENx), Low-level input Voltage
0.8
V
Hysteresis
VIN = 5 V
0.14
Leakage current
VENx = 5.5 V or 0 V, VENx = 0 V or 5.5 V
–1
0
1
µA
VIN = 5 V, CL = 1 µF, RL = 100 Ω, ENx ↑ or ENx ↓
ton
Turnon time (3)
(see Figure 25, Figure 26, and Figure 23)
1.4
1.9
2.4
ms
1 A, 1.5 A, 2 A Rated
VIN = 5 V, CL = 1 µF, RL = 100 Ω, ENx ↑ or EN ↓
toff
Turnoff time (3)
(see Figure 25, Figure 26, and Figure 23)
1.95
2.60
3.25
ms
1 A, 1.5 A, 2 A Rated
CL = 1 µF, RL = 100 Ω (see Figure 24)
tr
Rise time, output (3)
0.58
0.82
1.15
ms
1 A, 1.5 A, 2 A Rated
CL = 1 µF, RL = 100 Ω (see Figure 24)
tf
Fall time, output (3)
0.33
0.47
0.66
ms
1 A, 1.5 A, 2 A Rated
CURRENT LIMIT
TPS2052C (0.5 A)
0.7
1
1.3
TPS2062C, 62C-2, 66C, and 66C-2 (1 A)
1.12
1.61
2.10
IOS
Current-limit (see Figure 28)
A
TPS2060C, 64C, and 64C-2 (1.5 A)
1.72
2.29
2.86
TPS2002C and 03C (2 A)
2.35
3.15
3.95
VIN = 5 V (see Figure 27),
One-half full load
→ R(SHORT) = 50 mΩ, Measure from
tIOS
Short-circuit response time
2
µs
application to when current falls below 120% of final
value
SUPPLY CURRENT
ISD
Supply current, switch disabled
Standard conditions, I(OUTx) = 0 mA
0.01
10
IS1E
Supply current, single switch enabled
Standard conditions, I(OUTx) = 0 mA
90
IS2E
Supply current, both switches enabled
Standard conditions, I(OUTx) = 0 mA
150
µA
VOUT = 0 V, VIN = 5.5 V, disabled,
Leakage current
TPS20xxC-2
0.05
measured IVIN
ILKG
Reverse leakage current
VOUT = 5.5 V, VIN = 0 V, measured I(OUTx)
0.20
UNDERVOLTAGE LOCKOUT
UVLO
Low-level input voltage, IN
VIN rising
3.4
4.0
V
Hysteresis, IN
0.14
V
(1)
Pulsed testing techniques maintain junction temperature approximately equal to ambient temperature.
(2)
Typical values are at 5 V and 25°C.
(3)
These parameters are provided for reference only, and do not constitute part of TI’s published device specifications for purposes of TI’s
product warranty.
8
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TPS2052C TPS2062C TPS2062C-2 TPS2066C TPS2066C-2 TPS2060C TPS2064C
TPS2064C-2 TPS2002C TPS2003C


Similar Part No. - TPS2066C-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2066C TI1-TPS2066C Datasheet
1Mb / 25P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
TPS2066CD TI1-TPS2066CD Datasheet
1Mb / 25P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
TPS2066CDGN TI1-TPS2066CDGN Datasheet
1Mb / 25P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
TPS2066CDGNR TI1-TPS2066CDGNR Datasheet
1Mb / 25P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
TPS2066CDR TI1-TPS2066CDR Datasheet
1Mb / 25P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
More results

Similar Description - TPS2066C-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2062C TI1-TPS2062C Datasheet
1Mb / 25P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
TPS2046 TI1-TPS2046_14 Datasheet
575Kb / 25P
[Old version datasheet]   DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2046 TI-TPS2046 Datasheet
410Kb / 23P
[Old version datasheet]   DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com