Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS74701DRCT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS74701DRCT
Description  500-mA Low-Dropout Linear Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS74701DRCT Datasheet(HTML) 3 Page - Texas Instruments

  TPS74701DRCT Datasheet HTML 1Page - Texas Instruments TPS74701DRCT Datasheet HTML 2Page - Texas Instruments TPS74701DRCT Datasheet HTML 3Page - Texas Instruments TPS74701DRCT Datasheet HTML 4Page - Texas Instruments TPS74701DRCT Datasheet HTML 5Page - Texas Instruments TPS74701DRCT Datasheet HTML 6Page - Texas Instruments TPS74701DRCT Datasheet HTML 7Page - Texas Instruments TPS74701DRCT Datasheet HTML 8Page - Texas Instruments TPS74701DRCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
OUT
OUT
FB
SS
GND
10
9
8
7
6
IN
IN
PG
BIAS
EN
1
2
3
4
5
Thermal
Pad
TPS74701
www.ti.com
SBVS099G – NOVEMBER 2007 – REVISED OCTOBER 2015
5 Pin Configuration and Functions
DRC Package
10-Pin SON
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
IN
1, 2
I
Input to the device.
Enable pin. Driving this pin high enables the regulator. Driving this pin low puts the regulator
EN
5
I
into shutdown mode. This pin must not be left unconnected.
SS
7
Soft-Start pin. A capacitor connected on this pin to ground sets the start-up time. If this pin is
left unconnected, the regulator output soft-start ramp time is typically 200
μs.
BIAS
4
I
Bias input voltage for error amplifier, reference, and internal control circuits.
Power Good pin. An open-drain, active-high output that indicates the status of VOUT. When
VOUT exceeds the PG trip threshold, the PG pin goes into a high-impedance state. When
VOUT is below this threshold the pin is driven to a low-impedance state. A pullup resistor from
PG
3
O
10 k
Ω to 1 MΩ should be connected from this pin to a supply of up to 5.5 V. The supply can
be higher than the input voltage. Alternatively, the PG pin can be left unconnected if output
monitoring is not necessary.
Feedback pin. The feedback connection to the center tap of an external resistor divider
FB
8
I
network that sets the output voltage. This pin must not be left floating.
OUT
9, 10
O
Regulated output voltage. A small capacitor (total typical capacitance
≥ 2.2 μF, ceramic) is
needed from this pin to ground to assure stability.
NC
N/A
I
No connection. This pin can be left floating or connected to GND to allow better thermal
contact to the top-side plane.
GND
6
I
Ground
Thermal Pad
I
Should be soldered to the ground plane for increased thermal performance.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS74701


Similar Part No. - TPS74701DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74701DRCT TI-TPS74701DRCT Datasheet
728Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74701DRCT TI1-TPS74701DRCT Datasheet
900Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74701DRCT TI-TPS74701DRCT Datasheet
903Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74701DRCT TI-TPS74701DRCT Datasheet
2Mb / 38P
[Old version datasheet]   TPS74701 500-mA, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED APRIL 2023
TPS74701DRCTG4 TI1-TPS74701DRCTG4 Datasheet
900Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
More results

Similar Description - TPS74701DRCT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1716 AD-ADP1716 Datasheet
589Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1716 AD-ADP1716_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1715ARMZ-3.3-R7 AD-ADP1715ARMZ-3.3-R7 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1715 AD-ADP1715_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
STMicroelectronics
LDLN050 STMICROELECTRONICS-LDLN050 Datasheet
670Kb / 22P
   500 mA, high performance low dropout linear regulator
Rev 4 - September 2021
logo
Microchip Technology
MIC5237 MICROCHIP-MIC5237 Datasheet
1Mb / 18P
   500 mA Low Dropout Regulator
09/14/21
logo
National Semiconductor ...
LM2937 NSC-LM2937 Datasheet
308Kb / 11P
   500 mA Low Dropout Regulator
logo
Texas Instruments
LM2937 TI-LM2937_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low Dropout Regulator
LM2937ET-5.0 TI1-LM2937ET-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   LM2937 500 mA Low Dropout Regulator
logo
Toshiba Semiconductor
TA58M05S TOSHIBA-TA58M05S Datasheet
216Kb / 12P
   500 mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com