Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS74701 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS74701
Description  500-mA Low-Dropout Linear Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS74701 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS74701_15 Datasheet HTML 4Page - Texas Instruments TPS74701_15 Datasheet HTML 5Page - Texas Instruments TPS74701_15 Datasheet HTML 6Page - Texas Instruments TPS74701_15 Datasheet HTML 7Page - Texas Instruments TPS74701_15 Datasheet HTML 8Page - Texas Instruments TPS74701_15 Datasheet HTML 9Page - Texas Instruments TPS74701_15 Datasheet HTML 10Page - Texas Instruments TPS74701_15 Datasheet HTML 11Page - Texas Instruments TPS74701_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
1
0.1
0.01
100
1k
10k
Frequency(Hz)
100k
C
=1nF
SS
C
=0nF
SS
C
=10nF
SS
I
=100mA
OUT
V
=1.2V
OUT
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
100
200
300
400
I
(mA)
OUT
500
+125 C
°
+25 C
°
-
°
40 C
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
1M
Frequency(Hz)
10M
V
=1.8V
IN
V
=1.2V
C
=10 F
C
=1nF
OUT
OUT
SS
m
I
=100mA
OUT
I
=500mA
OUT
90
80
70
60
50
40
30
20
10
0
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
V
V
-
IN
OUT (V)
2.25
1kHz
10kHz
100kHz
500kHz
V
OUT =1.2V
I
OUT =500mA
C
SS =1nF
2200
2000
1800
1600
1400
1200
1000
800
600
0
200
400
I
(mA)
OUT
500
+125 C
°
+25 C
°
-
°
40 C
100
300
90
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
1M
Frequency(Hz)
10M
V
=1.8V
IN
V
=1.2V
OUT
V
=5V
BIAS
C
=1nF
SS
I
=0.5A
OUT
I
=0.1A
OUT
80
TPS74701
SBVS099G – NOVEMBER 2007 – REVISED OCTOBER 2015
www.ti.com
Typical Characteristics: VEN = VIN (continued)
At TJ = 25°C, VIN = VOUT(TYP) + 0.3 V, VBIAS = 5 V, IOUT = 50 mA, VEN = VIN, CIN = 1 μF, CBIAS = 4.7 μF, and COUT = 10 μF,
unless otherwise noted.
Figure 7. VBIAS Dropout Voltage vs IOUT and Temperature
Figure 8. VBIAS PSRR vs Frequency
(TJ)
Figure 9. VIN PSRR vs Frequency
Figure 10. VIN PSRR vs (VIN – VOUT)
Figure 11. Noise Spectral Density
Figure 12. BIAS Pin Current vs IOUT and Temperature (TJ)
8
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: TPS74701


Similar Part No. - TPS74701_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74701-Q1 TI1-TPS74701-Q1 Datasheet
724Kb / 24P
[Old version datasheet]   500-mA LOW-DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
TPS74701-Q1 TI-TPS74701-Q1 Datasheet
2Mb / 38P
[Old version datasheet]   TPS74701 500-mA, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED APRIL 2023
TPS74701-Q1 TI1-TPS74701-Q1 Datasheet
2Mb / 37P
[Old version datasheet]   TPS74701-Q1 Automotive, 500-mA, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED OCTOBER 2023
TPS74701-Q1 TI-TPS74701-Q1_15 Datasheet
869Kb / 25P
[Old version datasheet]   500-mA LOW-DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
TPS74701-Q1 TI1-TPS74701-Q1_V01 Datasheet
2Mb / 37P
[Old version datasheet]   TPS74701-Q1 Automotive, 500-mA, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED OCTOBER 2023
More results

Similar Description - TPS74701_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1716 AD-ADP1716 Datasheet
589Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1716 AD-ADP1716_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1715ARMZ-3.3-R7 AD-ADP1715ARMZ-3.3-R7 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1715 AD-ADP1715_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
STMicroelectronics
LDLN050 STMICROELECTRONICS-LDLN050 Datasheet
670Kb / 22P
   500 mA, high performance low dropout linear regulator
Rev 4 - September 2021
logo
Microchip Technology
MIC5237 MICROCHIP-MIC5237 Datasheet
1Mb / 18P
   500 mA Low Dropout Regulator
09/14/21
logo
National Semiconductor ...
LM2937 NSC-LM2937 Datasheet
308Kb / 11P
   500 mA Low Dropout Regulator
logo
Texas Instruments
LM2937 TI-LM2937_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low Dropout Regulator
LM2937ET-5.0 TI1-LM2937ET-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   LM2937 500 mA Low Dropout Regulator
logo
Toshiba Semiconductor
TA58M05S TOSHIBA-TA58M05S Datasheet
216Kb / 12P
   500 mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com