Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61193PWPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61193PWPR
Description  High-Performance 3-Channel LED Driver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61193PWPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS61193PWPR Datasheet HTML 6Page - Texas Instruments TPS61193PWPR Datasheet HTML 7Page - Texas Instruments TPS61193PWPR Datasheet HTML 8Page - Texas Instruments TPS61193PWPR Datasheet HTML 9Page - Texas Instruments TPS61193PWPR Datasheet HTML 10Page - Texas Instruments TPS61193PWPR Datasheet HTML 11Page - Texas Instruments TPS61193PWPR Datasheet HTML 12Page - Texas Instruments TPS61193PWPR Datasheet HTML 13Page - Texas Instruments TPS61193PWPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
TPS61193
SNVSAF4 – OCTOBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
TPS61193 is a highly integrated LED driver for medium-sized LCD backlight applications. It includes a DC-DC
with an integrated FET, supporting both boost and SEPIC modes, an internal LDO enabling direct connection to
battery without need for a pre-regulated supply and three LED current sinks. The VDDIO/EN pin provides the
supply voltage for digital IOs (PWM and SYNC inputs) and at the same time enables the device.
The switching frequency on the DC-DC converter is set by a resistor connected to the FSET pin. The maximum
voltage of the DC-DC is set by a resistive divider connected to the FB pin. For the best efficiency the output
voltage is adapted automatically to the minimum necessary level needed to drive the LED strings. This is done
by monitoring LED output voltage drop in real time. For EMI reduction and control two optional features are
available:
Spread spectrum, which reduces EMI noise around the switching frequency and its harmonic frequencies
DC-DC can be synchronized to an external frequency connected to SYNC pin
The three constant current sinks OUT1, OUT2 and OUT3 provide LED current up to 100mA. Value for the
current per OUT pin is set with a resistor connected to ISET pin. Current sinks that are not used must be
connected to ground. Grounded current sink is disabled and excluded from adaptive voltage detection loop.
Brightness is controlled with the PWM input. Frequency range for the input PWM is from 100 Hz to 20 kHz. LED
output PWM follows the input PWM so the output frequency is equal to the input frequency.
TPS61193 has extensive fault detection features :
Open-string and shorted LED detections
LED fault detection prevents system overheating in case of open or short in some of the LED strings
VIN input overvoltage protection
Threshold sensing from VIN pin
VIN input undervoltage protection
Threshold sensing from VIN pin
Thermal shutdown in case of die over-temperature
Fault condition is indicated through the FAULT output pin.
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated


Similar Part No. - TPS61193PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61193PWPRQ1 TI1-TPS61193PWPRQ1 Datasheet
717Kb / 10P
[Old version datasheet]   TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
More results

Similar Description - TPS61193PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61193-Q1 TI1-TPS61193-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   High-Performance 3-Channel LED Driver
TPS61194 TI1-TPS61194 Datasheet
611Kb / 34P
[Old version datasheet]   High-Performance 4-Channel LED Driver
LP8862-Q1 TI1-LP8862-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance 2-Channel LED Driver
TPS61194 TI1-TPS61194_16 Datasheet
712Kb / 9P
[Old version datasheet]   TPS61194 High-Performance Four-Channel LED Driver
logo
List of Unclassifed Man...
WS3130 ETC2-WS3130 Datasheet
1Mb / 8P
   High Performance LED Driver
logo
Shenzhen Winsemi Microe...
WS3130 WINSEMI-WS3130 Datasheet
1Mb / 8P
   High Performance LED Driver
logo
Texas Instruments
LP8861-Q1 TI1-LP8861-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Low-EMI, High-Performance Four-Channel LED Driver
logo
Will Semiconductor Ltd.
WD3153 WILLSEMI-WD3153 Datasheet
732Kb / 19P
   3-Channel LED Driver
logo
Shenzhen Winsemi Microe...
WS3110 WINSEMI-WS3110 Datasheet
262Kb / 8P
   WS3110 High Performance LED Driver
logo
Kinetic Technologies.
KTD3136 KINETIC-KTD3136 Datasheet
1Mb / 24P
   High Efficiency 3-Channel LED Backlight Driver
April 2019 - Revision 04a
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com