Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2064CDGN Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2064CDGN
Description  Dual Channel, Current-Limited, Power-Distribution Switches
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2064CDGN Datasheet(HTML) 4 Page - Texas Instruments

  TPS2064CDGN Datasheet HTML 1Page - Texas Instruments TPS2064CDGN Datasheet HTML 2Page - Texas Instruments TPS2064CDGN Datasheet HTML 3Page - Texas Instruments TPS2064CDGN Datasheet HTML 4Page - Texas Instruments TPS2064CDGN Datasheet HTML 5Page - Texas Instruments TPS2064CDGN Datasheet HTML 6Page - Texas Instruments TPS2064CDGN Datasheet HTML 7Page - Texas Instruments TPS2064CDGN Datasheet HTML 8Page - Texas Instruments TPS2064CDGN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
TPS2052C, TPS2062C, TPS2062C-2, TPS2066C, TPS2066C-2
TPS2060C, TPS2064C, TPS2064C-2, TPS2002C, TPS2003C
SLVSAX6H – OCTOBER 2011 – REVISED DECEMBER 2015
www.ti.com
5 Device Comparison Table
Table 1. Devices
STATUS
DEVICES
RATED CURRENT
MSOP-8
SOIC-8
SON-8
VSON-10
(PowerPad™)
TPS2052C
0.5 A
Active
TPS2062C
1 A
Active and Active
Active and Active
TPS2066C
TPS2062C-2
1 A
— and Active
Active and —
TPS2066C-2
TPS2060C
1.5 A
Active and Active
TPS2064C
TPS2064C-2
1.5 A
Active
TPS2002C
2 A
Active and Active
TPS2003C
Table 2. Device Information
PART NUMBER
MAXIMUM OPERATING CURRENT
ENABLE
OUTPUT DISCHARGE
TPS2052C
0.5
High
Y
TPS2062C
1
Low
Y
TPS2062C-2
1
Low
N
TPS2066C
1
High
Y
TPS2066C-2
1
High
N
TPS2060C
1.5
Low
Y
TPS2064C
1.5
High
Y
TPS2064C-2
1.5
High
N
TPS2002C
2
Low
Y
TPS2003C
2
High
Y
4
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TPS2052C TPS2062C TPS2062C-2 TPS2066C TPS2066C-2 TPS2060C TPS2064C
TPS2064C-2 TPS2002C TPS2003C


Similar Part No. - TPS2064CDGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2064CDGN TI1-TPS2064CDGN Datasheet
1Mb / 25P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
TPS2064CDGNR TI1-TPS2064CDGNR Datasheet
1Mb / 25P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
More results

Similar Description - TPS2064CDGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2062C TI1-TPS2062C Datasheet
1Mb / 25P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
TPS2046 TI1-TPS2046_14 Datasheet
575Kb / 25P
[Old version datasheet]   DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2046 TI-TPS2046 Datasheet
410Kb / 23P
[Old version datasheet]   DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com