Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2062CDRBT-2 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2062CDRBT-2
Description  Dual Channel, Current-Limited, Power-Distribution Switches
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2062CDRBT-2 Datasheet(HTML) 2 Page - Texas Instruments

  TPS2062CDRBT-2 Datasheet HTML 1Page - Texas Instruments TPS2062CDRBT-2 Datasheet HTML 2Page - Texas Instruments TPS2062CDRBT-2 Datasheet HTML 3Page - Texas Instruments TPS2062CDRBT-2 Datasheet HTML 4Page - Texas Instruments TPS2062CDRBT-2 Datasheet HTML 5Page - Texas Instruments TPS2062CDRBT-2 Datasheet HTML 6Page - Texas Instruments TPS2062CDRBT-2 Datasheet HTML 7Page - Texas Instruments TPS2062CDRBT-2 Datasheet HTML 8Page - Texas Instruments TPS2062CDRBT-2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
TPS2052C, TPS2062C, TPS2062C-2, TPS2066C, TPS2066C-2
TPS2060C, TPS2064C, TPS2064C-2, TPS2002C, TPS2003C
SLVSAX6H – OCTOBER 2011 – REVISED DECEMBER 2015
www.ti.com
Table of Contents
9.4
Device Functional Modes........................................ 18
1
Features .................................................................. 1
10
Application and Implementation........................ 19
2
Applications ........................................................... 1
10.1
Application Information.......................................... 19
3
Description ............................................................. 1
10.2
Typical Application ................................................ 19
4
Revision History..................................................... 2
11
Power Supply Recommendations ..................... 21
5
Device Comparison Table..................................... 4
11.1
Self-Powered and Bus-Powered Hubs ................. 21
6
Pin Configuration and Functions ......................... 5
11.2
Low-Power Bus-Powered and High-Power Bus-
7
Specifications......................................................... 6
Powered Functions .................................................. 21
7.1
Absolute Maximum Ratings ...................................... 6
12
Layout................................................................... 21
7.2
ESD Ratings.............................................................. 6
12.1
Layout Guidelines ................................................. 21
7.3
Recommended Operating Conditions ....................... 6
12.2
Layout Example .................................................... 21
7.4
Thermal Information .................................................. 7
12.3
Power Dissipation and Junction Temperature ...... 22
7.5
Electrical Characteristics: TJ = TA = 25°C................. 7
13
Device and Documentation Support ................. 23
7.6
Electrical Characteristics: –40°C
≤ (TJ = TA) ≤
13.1
Related Links ........................................................ 23
125°C ......................................................................... 8
13.2
Community Resources.......................................... 23
7.7
Typical Characteristics ............................................ 10
13.3
Trademarks ........................................................... 23
8
Parameter Measurement Information ................ 14
13.4
Electrostatic Discharge Caution ............................ 23
9
Detailed Description ............................................ 16
13.5
Glossary ................................................................ 23
9.1
Overview ................................................................. 16
14
Mechanical, Packaging, and Orderable
9.2
Functional Block Diagram ....................................... 16
Information ........................................................... 23
9.3
Feature Description................................................. 17
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision G (January 2013) to Revision H
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section ................................................................................................. 1
Changes from Revision F (November 2012) to Revision G
Page
Changed device TPS2062C-2 SON-8 packages From: Preview To: Active.......................................................................... 4
Changed devices TPS2066C-2, and TPS2064C-2 MSOP-8 package From: Preview To: Active ......................................... 4
Changes from Revision E (August 2012) to Revision F
Page
Changed Feature from: Rated Currents of 1 A, 1.5 A, 2 A to: Rated Currents of 0.5 A, 1 A, 1.5 A, 2 A .............................. 1
Changed Feature from: Output Discharge When Disabled to: Selected parts with (TPS20xxC) and without
(TPS20xxC-2) Output Discharge ............................................................................................................................................ 1
Added TPS2052C, TPS2062C-2, TPS2064C-2, and TPS2066C-2 devices to Table 1......................................................... 4
Added TPS2052C, TPS2062C-2, TPS2064C-2, and TPS2066C-2 devices to Table 2......................................................... 4
Added TPS2052C, TPS2062C-2, TPS2064C-2, and TPS2066C-2 devices to RECOMMENDED OPERATING
CONDITIONS table ................................................................................................................................................................ 6
Added TPS2052C and TPS2066C-2 devices to rDS(on)........................................................................................................... 8
Added the TPS2052C and TPS2064C-2 devices to IOS......................................................................................................... 8
Added Leakage current to Electrical Characteristics table..................................................................................................... 8
Added text to the SOFTSTART, REVERSE BLOCKING AND DISCHARGE OUTPUT section.......................................... 18
Added last paragraph in the DISCHARGE OUTPUT section............................................................................................... 18
2
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TPS2052C TPS2062C TPS2062C-2 TPS2066C TPS2066C-2 TPS2060C TPS2064C
TPS2064C-2 TPS2002C TPS2003C


Similar Part No. - TPS2062CDRBT-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2062CDR TI1-TPS2062CDR Datasheet
1Mb / 25P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
More results

Similar Description - TPS2062CDRBT-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2062C TI1-TPS2062C Datasheet
1Mb / 25P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
TPS2046 TI1-TPS2046_14 Datasheet
575Kb / 25P
[Old version datasheet]   DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2046 TI-TPS2046 Datasheet
410Kb / 23P
[Old version datasheet]   DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com