Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGB2T3X5R0J474M022BB Datasheet(PDF) 1 Page - TDK Electronics

Part # CGB2T3X5R0J474M022BB
Description  Commercial Grade ( Low Profile )
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CGB2T3X5R0J474M022BB Datasheet(HTML) 1 Page - TDK Electronics

  CGB2T3X5R0J474M022BB Datasheet HTML 1Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Commercial Grade ( Low Profile )
CGB2(1005) [EIA CC0402]
L
1.00mm +/-0.05mm
W
0.50mm +/-0.05mm
T
0.22mm Max.
B
0.10mm Min.
G
0.30mm Min.
X5R (-55 to 85 degC +/-15%)
0J (6.3Vdc)
470nF
M (+/-20%)
10% Max.
212Mohm Min.
Not Applicable
All specifications are subject to change without notice.
January 4, 2016
CGB2T3X5R0J474M022BB
TDK Item Description : CGB2T3X5R0J474MT****
Cap. vs. Freq. Characteristic
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
Frequency/MHz
|Z|, ESR vs. Freq. Characteristics
0.01
0.1
1
10
100
1000
10000
0.001
0.01
0.1
1
10
100
1000
Frequency/MHz
|Z|
ESR
DC Bias Characteristic
-70
-60
-50
-40
-30
-20
-10
0
01
2345
67
DC Bias/V
Temperature Characteristics
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
-80
-60
-40
-20
0
20
40
60
80
100
Temperature/degC
Temp.Chara.
TCBias(1/2Rated)
Ripple Temperature Rise Characteristics
0
5
10
15
20
25
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Current/Arms
100kHz
500kHz
1MHz
Application & Main Feature
Series
Dimensions
Temperature Characteristic
Rated Voltage
Capacitance
Capacitance Tolerance
Dissipation Factor
Insulation Resistance
AEC-Q200


Similar Part No. - CGB2T3X5R0J474M022BB

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGB2T1X5R0G474M022BC TDK-CGB2T1X5R0G474M022BC Datasheet
138Kb / 1P
   Commercial Grade ( Low Profile )
CGB2T1X6S0G224M022BC TDK-CGB2T1X6S0G224M022BC Datasheet
138Kb / 1P
   Commercial Grade ( Low Profile )
CGB2T1X6S0G474M022BC TDK-CGB2T1X6S0G474M022BC Datasheet
138Kb / 1P
   Commercial Grade ( Low Profile )
More results

Similar Description - CGB2T3X5R0J474M022BB

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGB2A1X6S0G474M033BC TDK-CGB2A1X6S0G474M033BC Datasheet
138Kb / 1P
   Commercial Grade ( Low Profile )
CGB2A3X5R0G105M033BB TDK-CGB2A3X5R0G105M033BB Datasheet
138Kb / 1P
   Commercial Grade ( Low Profile )
CGB3B1JB1A475K055AC TDK-CGB3B1JB1A475K055AC Datasheet
138Kb / 1P
   Commercial Grade ( Low Profile )
CGB3B1JB1A475M055AC TDK-CGB3B1JB1A475M055AC Datasheet
138Kb / 1P
   Commercial Grade ( Low Profile )
CGB3B1X5R1C225M055AC TDK-CGB3B1X5R1C225M055AC Datasheet
138Kb / 1P
   Commercial Grade ( Low Profile )
CGB3B1X6S0G475K055AC TDK-CGB3B1X6S0G475K055AC Datasheet
138Kb / 1P
   Commercial Grade ( Low Profile )
CGB3B3JB0J475K055AB TDK-CGB3B3JB0J475K055AB Datasheet
138Kb / 1P
   Commercial Grade ( Low Profile )
CGB3B3X6S0J225K055AB TDK-CGB3B3X6S0J225K055AB Datasheet
138Kb / 1P
   Commercial Grade ( Low Profile )
CGB3B3JB1C105M055AB TDK-CGB3B3JB1C105M055AB Datasheet
138Kb / 1P
   Commercial Grade ( Low Profile )
CGB3B3X5R1C105K055AB TDK-CGB3B3X5R1C105K055AB Datasheet
138Kb / 1P
   Commercial Grade ( Low Profile )
CGB3B3X5R1E474K055AB TDK-CGB3B3X5R1E474K055AB Datasheet
138Kb / 1P
   Commercial Grade ( Low Profile )
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com