Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS53317ARGBR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53317ARGBR
Description  Integrated-FET Converter for DDR Memory Termination
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53317ARGBR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS53317ARGBR Datasheet HTML 5Page - Texas Instruments TPS53317ARGBR Datasheet HTML 6Page - Texas Instruments TPS53317ARGBR Datasheet HTML 7Page - Texas Instruments TPS53317ARGBR Datasheet HTML 8Page - Texas Instruments TPS53317ARGBR Datasheet HTML 9Page - Texas Instruments TPS53317ARGBR Datasheet HTML 10Page - Texas Instruments TPS53317ARGBR Datasheet HTML 11Page - Texas Instruments TPS53317ARGBR Datasheet HTML 12Page - Texas Instruments TPS53317ARGBR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
50
55
60
65
70
75
80
85
90
95
0
1
2
3
4
5
6
Output Current (A)
1.8 V
2.5 V
3.3 V
C013
T
A = 25ƒC
V
OUT = 0.9 V
f
SW = 600 kHz PWM
V
IN
Input Voltage (V)
0
1
2
3
4
5
6
0
200
400
600
800
1000
1200
1400
D001
VOUT = 0.45 V, fSW = 600 kHz
VOUT = 0.6 V, fSW = 600 kHz
VOUT = 0.45 V, fSW = 1 MHz
VOUT = 0.6 V, fSW = 1 MHz
50
55
60
65
70
75
80
85
90
95
0
1
2
3
4
5
6
Output Current (A)
Skip Mode, fSW = 600 kHz
Skip Mode, fSW =1 MHz
PWM Mode, fSW = 600 kHz
PWM Mode, fSW = 1 MHz
G001
0.740
0.742
0.744
0.746
0.748
0.750
0.752
0.754
0.756
0.758
0.760
0
1
2
3
4
5
6
Output Current (A)
Skip Mode, fSW = 600 kHz
Skip Mode, fSW =1 MHz
PWM Mode, fSW = 600 kHz
PWM Mode, fSW = 1 MHz
G001
0.590
0.592
0.594
0.596
0.598
0.600
0.602
0.604
0.606
0.608
0.610
±6
±4
±2
0
2
4
6
Output Current (A)
±40ƒC
0°C
25°C
60°C
85°C
C009
V
IN = 3.3 V
f
SW = 600 kHz PWM
Ambient Temp T
A
0.740
0.742
0.744
0.746
0.748
0.750
0.752
0.754
0.756
0.758
0.760
±6
±4
±2
0
2
4
6
Output Current (A)
±40ƒC
0°C
25°C
60°C
85°C
C012
V
IN = 3.3 V
f
SW = 600 kHz PWM
Ambient Temp T
A
TPS53317A
www.ti.com
SLUSC63A – NOVEMBER 2015 – REVISED DECEMBER 2015
Typical Characteristics (continued)
Characterization data tested using the TPS53317AEVM-726 where the external tracking input sets the output voltage and
operates in non-droop mode. See SLUUBD2 for detailed configuration.
Figure 11. Load Regulation
Figure 12. Load Regulation
VIN = 1.5 V
VOUT = 0.75 V
VIN = 1.5 V
VOUT = 0.75 V
Figure 13. Efficiency vs Output Current
Figure 14. Load Regulation
TA = 25°C
IOUT = 2 A
Figure 15. Efficiency vs. Output Current
Figure 16. Switching Frequency vs. Input Voltage
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS53317A


Similar Part No. - TPS53317ARGBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53317 TI1-TPS53317 Datasheet
835Kb / 25P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs
TPS53317 TI1-TPS53317 Datasheet
1Mb / 35P
[Old version datasheet]   6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination
TPS53317 TI1-TPS53317 Datasheet
1Mb / 35P
[Old version datasheet]   6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination
TPS53317RGBR TI1-TPS53317RGBR Datasheet
835Kb / 25P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs
TPS53317RGBR TI1-TPS53317RGBR Datasheet
1Mb / 35P
[Old version datasheet]   6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination
More results

Similar Description - TPS53317ARGBR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM8908 STMICROELECTRONICS-PM8908 Datasheet
381Kb / 28P
   Monolithic buck converter for DDR memory termination
logo
Texas Instruments
TPS53317 TI1-TPS53317_15 Datasheet
1Mb / 35P
[Old version datasheet]   6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination
TPS53317 TI1-TPS53317_17 Datasheet
1Mb / 35P
[Old version datasheet]   6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination
logo
ON Semiconductor
NCP51198 ONSEMI-NCP51198 Datasheet
111Kb / 9P
   DDR Memory Termination Regulator
April, 2015 ??Rev. 3
logo
Altera Corporation
EV1320QI ALTERA-EV1320QI Datasheet
1Mb / 20P
   2A PowerSoC Source/Sink DDR Memory Termination Converter
logo
ON Semiconductor
NCP51190 ONSEMI-NCP51190_17 Datasheet
113Kb / 9P
   1.5A DDR Memory Termination Regulator
January, 2017 ??Rev. 4
NCP51190 ONSEMI-NCP51190 Datasheet
152Kb / 8P
   1.5A DDR Memory Termination Regulator
May, 2013 ??Rev. 0
NCP51190 ONSEMI-NCP51190_14 Datasheet
107Kb / 9P
   1.5A DDR Memory Termination Regulator
November, 2014 ??Rev. 3
logo
Semtech Corporation
SC2595 SEMTECH-SC2595_09 Datasheet
446Kb / 12P
   Integrated Linear DDR Termination Regulator
SC2595 SEMTECH-SC2595 Datasheet
676Kb / 11P
   Integrated Linear DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com