Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC59581 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59581
Description  48-Channel, 16-Bit ES-PWM LED Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC59581 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC59581 Datasheet HTML 4Page - Texas Instruments TLC59581 Datasheet HTML 5Page - Texas Instruments TLC59581 Datasheet HTML 6Page - Texas Instruments TLC59581 Datasheet HTML 7Page - Texas Instruments TLC59581 Datasheet HTML 8Page - Texas Instruments TLC59581 Datasheet HTML 9Page - Texas Instruments TLC59581 Datasheet HTML 10Page - Texas Instruments TLC59581 Datasheet HTML 11Page - Texas Instruments TLC59581 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
( )
(
)
(
)
(IOUTXn at VCC
5.5V) –
IOUTXn at VCC
3.0V
100
%V
IOUTXn at VCC
3.0V
5.5V – 3V
é
ù
=
=
D
=
´
ê
ú
=
ê
ú
ë
û
( )
(
)
( )
IREF
IREF
V
Ideal Output mA
Gain
CCR or CCG, CCB /511d, VIREF
1.209V Typ ,
R
( )
Refer to Table 1 for the Gain at chosen BC.
é
ù
=
´
´
=
ê
ú
W
ê
ú
ë
û
( )
(IOUTX0
IOUTX1
IOUTX15)
(Ideal Output Current)
16
%
100
Ideal Output Current
+
+ ¼ +
é
ù
-
ê
ú
D
=
´
ê
ú
ê
ú
ê
ú
ë
û
( )
IOUTXn
%
1
100
(IOUTX0
IOUTX1
IOUTX14
IOUTX15)
16
é
ù
ê
ú
D
=
-
´
ê
ú
+
+ ¼ +
+
ê
ú
ê
ú
ë
û
Ideal current is calculated by the following equation:
TLC59581, TLC59582
SLVSCZ9A – OCTOBER 2015 – REVISED NOVEMBER 2015
www.ti.com
7.5 Electrical Characteristics
At VCC = 3.0 V to 5.5 V and TA = –40°C to 85°C, VLED = 5.0 V; Typical values are at VCC = 3.3 V, TA = 25°C (unless
otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High
IOH = –2 mA at SOUT
VCC–0.4
VCC
V
Output voltage
VOL
Low
IOL= 2 mA at SOUT
0.4
V
VLOD0
LODVTH = 00b
0.12
0.2
0.28
VLOD1
LODVTH = 01b
0.32
0.4
0.48
LED open detection threshold
V
VLOD2
LODVTH = 10b
0.52
0.6
0.68
VLOD3
LODVTH = 11b
0.72
0.8
0.88
VIREF
Reference voltage output
RIREF = 6.2 kΩ (1 mA target), BC = 0h, CCR/G/B = 81h
1.19
1.209
1.228
V
IIN
Input current (SIN, SCLK)
VIN = VCC or GND
–1
1
µA
SIN/SCLK/LAT/GSCLK = GND, GSn = 0000h, BC = 0h,
9
11
ICC0
CCR/G/B = 100h, PCHG_EN = 0, VOUTn = VCC,
RIREF = OPEN
SIN/SCLK/LAT/GSCK = GND, GSn = 0000h, BC = 4h,
11
13
ICC1
CCR/G/B = 140h,VOUTn Floating, PCHG_EN = 0,
RIREF = 7.5 k
Ω (Io = 10 mA target)
SIN/SCLK/LAT = GND, GCLK = 33 MHz, TSU5 = 200 nS,
25
31
8+8 mode, GSn = FFFFh, BC = 4h, CCR/G/B = 140h,
Supply current (VCC)
mA
ICC2
VOUTn = 1 V when channel on, VOUTn = VCC
when channel off. PCHG_EN = 0
SIN/SCLK/LAT = GND, GCLK = 33 MHz, TSU5 = 200 nS,
28
33
8+8 mode, GSn = FFFFh, BC = 7h, CCR/G/B = 1FFh,
ICC3
VOUTn = 1 V when channel on, VOUTn = VCC
when channel off. PCHG_EN = 0
ICC4
In power save mode and PCHG_EN = 1
1
1.4
All OUTn = on, BC = 0h, CCR/G/B = 81h,
±1%
±3%
Constant current error
Channel-to-
VOUTn = VOUTfix = 1 V, RIREF = 6.2 k
Ω(1 mA target),
ΔIOLC0
channel(1)
(OUTx0-15, x = R/G/B)
TA = 25°C, at same color grouped output of OUTR0-15,
OUTG0-15 and OUTB0-15
All OUTn = on, BC = 0h, CCR/G/B = 81h,
±1%
±2%
Constant current error
Device-to-
VOUTn = VOUTfix = 1 V, RIREF = 6.2 k
Ω(1 mA target),
ΔIOLC1
device(2)
TA = 25°C, at same color grouped output of OUTR0-15,
(OUTx0-15, x = R/G/B)
OUTG0-15 and OUTB0-15
VCC = 3.0 to 5.5 V, All OUTn = on, BC = 0h, CCR/G/B = 81h,
ΔIOLC2
Line regulation(3)
±1
±1.5
%/V
VOUTn = VOUTfix = 1 V, RIREF = 6.2 k
Ω (1 mA target)
(1)
The deviation of each output in same color group (OUTR0~15 or OUTG0~15 or OUTB0~15) from the average of same color group
constant current. The deviation is calculated by the formula. (X = R or G or B, n = 0~15)
spacer
(2)
The deviation of the average of constant-current in each color group from the ideal constant-current value. (X = R or G or B) :
spacer
(3)
Line regulation is calculated by the following equation. (X = R or G or B, n = 0~15):
spacer
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
TLC59582


Similar Part No. - TLC59581

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5958 TI1-TLC5958 Datasheet
1Mb / 28P
[Old version datasheet]   TLC5958 48-Channel, 16-Bit ES-PWM LED Driver with Pre-Charge FET, LED Open Detection and Display Data Memory Support 32-Multiplexing
TLC5958RTQR TI1-TLC5958RTQR Datasheet
1Mb / 28P
[Old version datasheet]   TLC5958 48-Channel, 16-Bit ES-PWM LED Driver with Pre-Charge FET, LED Open Detection and Display Data Memory Support 32-Multiplexing
TLC5958RTQT TI1-TLC5958RTQT Datasheet
1Mb / 28P
[Old version datasheet]   TLC5958 48-Channel, 16-Bit ES-PWM LED Driver with Pre-Charge FET, LED Open Detection and Display Data Memory Support 32-Multiplexing
More results

Similar Description - TLC59581

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC6946 TI1-TLC6946_19 Datasheet
2Mb / 35P
[Old version datasheet]   16-Channel 32-, 48-Multiplexing 16-Bit ES-PWM Constant-Current LED Driver
TLC5948A TI1-TLC5948A Datasheet
1Mb / 50P
[Old version datasheet]   16-Channel, 16-Bit, ES-PWM, Full Self-Diagnosis LED Driver
TLC6946 TI1-TLC6946 Datasheet
328Kb / 27P
[Old version datasheet]   16-Channel 32-Multiplexing 16-Bit ES-PWM Constant-Current LED Driver
TLC5957 TI1-TLC5957 Datasheet
1,004Kb / 25P
[Old version datasheet]   TLC5957 48-Channel, 16-Bit ES-PWM LED Driver with Pre-Charge FET, LED OPEN Detection and Caterpillar Cancelling
TLC5949 TI-TLC5949 Datasheet
1Mb / 51P
[Old version datasheet]   16-Channel, 12-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit Global BC LED Lamp
TLC6C5748-Q1 TI-TLC6C5748-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   TLC6C5748-Q1 48-Channel, 16-bit, PWM LED Driver with Internal Current Settings
TLC5958 TI1-TLC5958 Datasheet
1Mb / 28P
[Old version datasheet]   TLC5958 48-Channel, 16-Bit ES-PWM LED Driver with Pre-Charge FET, LED Open Detection and Display Data Memory Support 32-Multiplexing
logo
System Logic Semiconduc...
SL70D0948 SLS-SL70D0948 Datasheet
149Kb / 17P
   48 OUTPUT LED DRIVER / 9 BIT PWM CONTROLLER
logo
List of Unclassifed Man...
MBI5031 ETC2-MBI5031 Datasheet
527Kb / 20P
   16-Channel PWM-Embedded LED Driver
logo
Texas Instruments
TLC5943 TI1-TLC5943_16 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com