Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM25019SDE Datasheet(PDF) 6 Page - Texas Instruments

Part # LM25019SDE
Description  100-mA Constant On-Time Synchronous Buck Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25019SDE Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM25019SDE Datasheet HTML 2Page - Texas Instruments LM25019SDE Datasheet HTML 3Page - Texas Instruments LM25019SDE Datasheet HTML 4Page - Texas Instruments LM25019SDE Datasheet HTML 5Page - Texas Instruments LM25019SDE Datasheet HTML 6Page - Texas Instruments LM25019SDE Datasheet HTML 7Page - Texas Instruments LM25019SDE Datasheet HTML 8Page - Texas Instruments LM25019SDE Datasheet HTML 9Page - Texas Instruments LM25019SDE Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LM25019
SNVS952E – DECEMBER 2012 – REVISED NOVEMBER 2015
www.ti.com
6.5 Electrical Characteristics
Typical values correspond to TJ = 25°C. Minimum and maximum limits apply over –40°C to 125°C junction temperature range
unless otherwise stated. VIN = 48V unless stated otherwise. See
(1).
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VCC SUPPLY
VCC Reg
VCC Regulator Output
VIN = 48 V, ICC = 20 mA
6.25
7.6
8.55
V
VCC Current Limit
VIN = 48 V
(2)
26
mA
VCC Undervoltage Lockout Voltage
4.15
4.5
4.9
V
(VCC Increasing)
VCC Undervoltage Hysteresis
300
mV
VCC Drop Out Voltage
VIN = 9 V, ICC = 20 mA
2.3
V
IIN Operating Current
Nonswitching, FB = 3 V
1.75
mA
IIN Shutdown Current
UVLO = 0 V
50
225
µA
SWITCH CHARACTERISTICS
Buck Switch RDS(ON)
ITEST = 100 mA, BST-SW = 7 V
0.8
1.8
Synchronous RDS(ON)
ITEST = 200 mA
0.45
1
Gate Drive UVLO
VBST − VSW Rising
2.4
3
3.6
V
Gate Drive UVLO Hysteresis
260
mV
CURRENT LIMIT
Current Limit Threshold
150
270
370
mA
Current Limit Response Time
Time to Switch Off
150
ns
Off-Time Generator (Test 1)
FB = 0.1 V, VIN = 48 V
12
µs
Off-Time Generator (Test 2)
FB = 1 V, VIN = 48 V
2.5
µs
REGULATION AND OVERVOLTAGE COMPARATORS
Internal Reference Trip Point for Switch
FB Regulation Level
1.2
1.225
1.25
V
ON
FB Overvoltage Threshold
Trip Point for Switch OFF
1.62
V
FB Bias Current
60
nA
UNDERVOLTAGE SENSING FUNCTION
UV Threshold
UV Rising
1.19
1.225
1.26
V
UV Hysteresis Input Current
UV = 2.5 V
–10
–20
–29
µA
Remote Shutdown Threshold
Voltage at UVLO Falling
0.32
0.66
V
Remote Shutdown Hysteresis
110
mV
THERMAL SHUTDOWN
Tsd
Thermal Shutdown Temperature
165
°C
Thermal Shutdown Hysteresis
20
°C
(1)
All hot and cold limits are specified by correlating the electrical characteristics to process and temperature variations and applying
statistical process control.
(2)
VCC provides self bias for the internal gate drive and control circuits. Device thermal limitations limit external loading.
6.6 Switching Characteristics
Typical values correspond to TJ = 25°C. Minimum and maximum limits apply over –40°C to 125°C junction temperature range
unless otherwise stated. VIN = 48 V unless otherwise stated.
MIN
TYP
MAX
UNIT
ON-TIME GENERATOR
TON Test 1
VIN = 32 V, RON = 100 kΩ
270
350
460
ns
TON Test 2
VIN = 48 V, RON = 100 kΩ
188
250
336
ns
TON Test 4
VIN = 10 V, RON = 250 kΩ
1880
3200
4425
ns
MINIMUM OFF-TIME
Minimum Off-Timer
FB = 0 V
144
ns
6
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: LM25019


Similar Part No. - LM25019SDE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25019SDE/NOPB TI-LM25019SDE/NOPB Datasheet
331Kb / 18P
[Old version datasheet]   48V, 100mA Constant On-Time Synchronous Buck Regulator
More results

Similar Description - LM25019SDE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5019 TI-LM5019_15 Datasheet
1Mb / 30P
[Old version datasheet]   100-V, 100-mA Constant On-Time Synchronous Buck Regulator
LM5019 TI1-LM5019_14 Datasheet
1Mb / 25P
[Old version datasheet]   100 V, 100 mA Constant On-Time Synchronous Buck Regulator
LM5017 TI-LM5017_15 Datasheet
1Mb / 31P
[Old version datasheet]   100-V, 600-mA Constant On-Time Synchronous Buck Regulator
LM5018 TI1-LM5018_13 Datasheet
1Mb / 25P
[Old version datasheet]   100 V, 300 mA Constant On-Time Synchronous Buck Regulator
LM5018 TI-LM5018_15 Datasheet
1Mb / 32P
[Old version datasheet]   100-V, 300-mA Constant On-Time Synchronous Buck Regulator
LM25019 TI-LM25019_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM25019 48-V, 100-mA Constant On-Time Synchronous Buck Regulator
LM5017 TI1-LM5017_17 Datasheet
1Mb / 33P
[Old version datasheet]   LM5017 100-V, 600-mA Constant On-Time Synchronous Buck Regulator
LM5008A TI-LM5008A Datasheet
1Mb / 23P
[Old version datasheet]   100-V 350-mA Constant On-Time Buck Switching Regulator
LM5017MRX_NOPB TI1-LM5017MRX_NOPB Datasheet
1Mb / 19P
[Old version datasheet]   600mA Constant On-Time Synchronous Buck Regulator
LM5008A TI-LM5008A_15 Datasheet
1Mb / 24P
[Old version datasheet]   100-V 350-mA Constant On-Time Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com