Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3492HCMH Datasheet(PDF) 3 Page - Texas Instruments

Part # LM3492HCMH
Description  Two-Channel, Individual Dimmable LED Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3492HCMH Datasheet(HTML) 3 Page - Texas Instruments

  LM3492HCMH Datasheet HTML 1Page - Texas Instruments LM3492HCMH Datasheet HTML 2Page - Texas Instruments LM3492HCMH Datasheet HTML 3Page - Texas Instruments LM3492HCMH Datasheet HTML 4Page - Texas Instruments LM3492HCMH Datasheet HTML 5Page - Texas Instruments LM3492HCMH Datasheet HTML 6Page - Texas Instruments LM3492HCMH Datasheet HTML 7Page - Texas Instruments LM3492HCMH Datasheet HTML 8Page - Texas Instruments LM3492HCMH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
EN
VIN
SW
SW
VOUT
RT
FB
GND
IOUT2
IOUT1
ILIM
VCC
PGND
PGND
DIM2
DIM1/CLK
LGND
COMM
IREF
CDHC
NC – No internal connection
Exposed
Thermal
Pad
LM3492HC-Q1, LM3492HC
www.ti.com
SNVS797B – MARCH 2012 – REVISED OCTOBER 2015
5 Description (continued)
To maximize the efficiency, dynamic headroom control (DHC) automatically adjusts the output voltage to a
minimum. The DHC also facilitates a single BOM for different number of LED in a string, which is required for
back-light panels of different size, thereby reducing overall development time and cost. The LM3492HC device
includes a COMM pin that serves as a bidirectional I/O pin. The versatile COMM pin interface with an external
micro-controller unit (MCU) is used for the following functions: power-good, overtemperature, IOUT overvoltage
and undervoltage indications, switching frequency tuning, and channel 1 disabling. Other supervisory functions of
the device include precise enable, VCC undervoltage lockout, current regulator over-power protection, and
thermal shutdown protection. The device is available in the thermally enhanced PWP, 20-pin package.
6 Pin Configuration and Functions
PWP Package
20 Pin HTSSOP
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
Dynamic headroom control. An external capacitor connected to this pin sets the DHC sensitivity. At
CDHC
11
I
start-up, a 12- µA internal current source charges an external capacitor to provide a soft-start
function.
Bidirectional logic communication. This pin is open drain for various indications (power-good,
COMM
13
I/O
overtemperature, IOUT overvoltage and undervoltage) and command sending (switching frequency
tuning and channel 1 disabling).
Dimming control of channel 1. Control the on and off of the current regulator of channel 1. This pin is
DIM1/CLK
15
I/O
internally pulled low by a 5-µA current. This pin also serves as a clock signal for latching input and
output data of the COMM pin.
Dimming control of channel 2. Control the on and off of the current regulator of channel 2. This pin is
DIM2
16
I
internally pulled low by a 5-µA current.
Enable input. Contains an internal pullup. Connect to a voltage higher than 1.63 V to provide
EN
1
I
precision enable for the device.
Output voltage feedback. The output voltage is connected to this pin through a feedback resistor
FB
7
I
divider for output voltage regulation. The voltage of this pin is from 1.05 V to 2.5 V.
GND
8
G
Analog signal ground. Connect to the exposed pad directly beneath the device.
Peak current limit adjust. Connecting an external resistor from the ILIM pin to the VCC pin reduces
ILIM
20
I
peak current limit. Connect the ILIM pin to ground to obtain the maximum current limit.
Current regulator input for channel 1. Input of the current regulator of channel 1. The regulated
IOUT1
10
I
current is programmable (see the IREF pin).
Current regulator input for channel 2. Input of the current regulator of channel 2. The regulated
IOUT2
9
I
current is programmable (see the IREF pin).
Current setting pin for the current regulators. An external resistor connected from this pin to ground
IREF
12
I
programs the regulated current of the current regulator of channels 1 and 2.
(1)
I = Input, O = Output, G = Ground
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3492HC-Q1 LM3492HC


Similar Part No. - LM3492HCMH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3492HCMH TI1-LM3492HCMH Datasheet
317Kb / 17P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492HCMHX TI1-LM3492HCMHX Datasheet
317Kb / 17P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
More results

Similar Description - LM3492HCMH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3492 TI1-LM3492 Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver
LM3492 TI1-LM3492_15 Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492MH TI-LM3492MH Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492HC TI1-LM3492HC Datasheet
317Kb / 17P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
logo
Diodes Incorporated
AL1692-30B DIODES-AL1692-30B Datasheet
320Kb / 14P
   DIMMABLE LED DRIVER
AL1692-10E DIODES-AL1692-10E Datasheet
320Kb / 14P
   DIMMABLE LED DRIVER
AL1698 DIODES-AL1698 Datasheet
748Kb / 15P
   DIMMABLE LED DRIVER
September 2019
logo
Supertex, Inc
HV9801A SUTEX-HV9801A Datasheet
969Kb / 9P
   Switch Dimmable LED Driver
HV9801A SUTEX-HV9801A_12 Datasheet
990Kb / 9P
   Switch Dimmable LED Driver
logo
Diodes Incorporated
AL16937 DIODES-AL16937 Datasheet
327Kb / 15P
   BUCK DIMMABLE LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com