Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD17308Q3 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CSD17308Q3
Description  30-V N-Channel NexFET Power MOSFETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17308Q3 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CSD17308Q3 Datasheet HTML 5Page - Texas Instruments CSD17308Q3 Datasheet HTML 6Page - Texas Instruments CSD17308Q3 Datasheet HTML 7Page - Texas Instruments CSD17308Q3 Datasheet HTML 8Page - Texas Instruments CSD17308Q3 Datasheet HTML 9Page - Texas Instruments CSD17308Q3 Datasheet HTML 10Page - Texas Instruments CSD17308Q3 Datasheet HTML 11Page - Texas Instruments CSD17308Q3 Datasheet HTML 12Page - Texas Instruments CSD17308Q3 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
30-Mar-2016
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
CSD17308Q3
ACTIVE
VSON-CLIP
DQG
8
2500
Pb-Free (RoHS
Exempt)
CU SN
Level-1-260C-UNLIM
-55 to 150
CSD17308
CSD17308Q3T
ACTIVE
VSON-CLIP
DQG
8
250
Pb-Free (RoHS
Exempt)
CU SN
Level-1-260C-UNLIM
-55 to 150
CSD17308
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.


Similar Part No. - CSD17308Q3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17308Q3 TI1-CSD17308Q3 Datasheet
523Kb / 11P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFETs
More results

Similar Description - CSD17308Q3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17551Q3A TI-CSD17551Q3A Datasheet
1Mb / 12P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFETs
CSD87503Q3E TI1-CSD87503Q3E Datasheet
485Kb / 12P
[Old version datasheet]   30-V N-Channel NexFET Power MOSFETs
CSD17381F4 TI-CSD17381F4 Datasheet
1Mb / 11P
[Old version datasheet]   30-V, N-Channel NexFET??Power MOSFETs
CSD17552Q5A TI-CSD17552Q5A Datasheet
737Kb / 11P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFETs
CSD17581Q3A TI1-CSD17581Q3A Datasheet
380Kb / 13P
[Old version datasheet]   30-V N-Channel NexFET Power MOSFETs
CSD87313DMS TI1-CSD87313DMS Datasheet
1Mb / 16P
[Old version datasheet]   30-V Dual N-Channel NexFET Power MOSFETs
CSD17573Q5B TI-CSD17573Q5B_15 Datasheet
973Kb / 15P
[Old version datasheet]   CSD17573Q5B 30 V N-Channel NexFET Power MOSFETs
CSD17578Q3A TI-CSD17578Q3A_15 Datasheet
955Kb / 15P
[Old version datasheet]   CSD17578Q3A 30 V N-Channel NexFET Power MOSFETs
CSD17579Q5A TI-CSD17579Q5A_15 Datasheet
861Kb / 15P
[Old version datasheet]   CSD17579Q5A 30 V N-Channel NexFET Power MOSFETs
CSD17578Q5A TI-CSD17578Q5A_15 Datasheet
864Kb / 15P
[Old version datasheet]   CSD17578Q5A 30 V N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com