Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB2936HQ Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TB2936HQ
Description  49 W x 4-ch BTL Audio Power IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB2936HQ Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TB2936HQ Datasheet HTML 1Page - Toshiba Semiconductor TB2936HQ Datasheet HTML 2Page - Toshiba Semiconductor TB2936HQ Datasheet HTML 3Page - Toshiba Semiconductor TB2936HQ Datasheet HTML 4Page - Toshiba Semiconductor TB2936HQ Datasheet HTML 5Page - Toshiba Semiconductor TB2936HQ Datasheet HTML 6Page - Toshiba Semiconductor TB2936HQ Datasheet HTML 7Page - Toshiba Semiconductor TB2936HQ Datasheet HTML 8Page - Toshiba Semiconductor TB2936HQ Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TB2936HQ
2009-02-04
1
TOSHIBA Bi-CMOS Linear Integrated Circuit Silicon Monolithic
TB2936HQ
49 W
× 4-ch BTL Audio Power IC
The TB2936HQ is a four-channel BTL power amplifier for car
audio applications.
This IC has a pure complementary P-ch and N-ch DMOS output
stage, offering maximum output power (POUT MAX) of 49 W.
It includes a standby switch, mute function and various
protection features.
Features
• High output power
• POUT MAX (1) = 49 W (typ.)
(VCC = 15.2 V, f = 1 kHz, JEITA max, RL = 4 Ω)
• POUT MAX (2) = 43W (typ.)
(VCC = 14.4 V, f = 1 kHz, JEITA max, RL = 4 Ω)
• POUT (1) = 26 W (typ.)
(VCC = 14.4 V, f = 1 kHz, THD = 10%, RL = 4 Ω)
• POUT (2) = 23 W (typ.)
(VCC = 13.2 V, f = 1 kHz, THD = 10%, RL = 4 Ω)
• Low THD: 0.015% (typ.) (VCC = 13.2 V, f = 1 kHz, POUT = 5 W, RL = 4 Ω)
• Low noise: VNO = 160 μVrms (typ.)
(VCC = 13.2 V, Rg = 0 Ω, BW = 20 Hz to 20 kHz, RL = 4 Ω)
• Standby switch (pin 4)
• Mute function (pin 22)
• Output DC offset detection and clip detection (pin 25)
• Various protection features
Thermal overload; overvoltage; output short-circuits to GND, VCC and across the load; speaker current limiting
• Operating supply voltage: VCC (opr) = 8.0 to 18 V (RL = 4 Ω)
Note 1: Install the device correctly. Otherwise, the device or system may be degraded, damaged or even destroyed.
Note 2: The protection features are intended to avoid output short-circuits or other abnormal conditions temporarily. It
is not guaranteed that they will prevent the IC from being damaged.
Exposure to conditions beyond the guaranteed operating ranges may not activate the protection features,
resulting in an IC damage due to output short-circuits.
Weight: 7.7 g (typ.)


Similar Part No. - TB2936HQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB2931HQ TOSHIBA-TB2931HQ Datasheet
308Kb / 18P
   TB2931HQ CMOS
TB2932HQ TOSHIBA-TB2932HQ Datasheet
436Kb / 37P
   Maximum Power 49 W BTL 횞 4-ch Audio Power IC
TB2934HQ TOSHIBA-TB2934HQ Datasheet
464Kb / 39P
   Maximum Power 41 W BTL × 4-ch Audio Power IC
2006-06-14
TB2938HQ TOSHIBA-TB2938HQ Datasheet
551Kb / 26P
   Bi-CMOS Linear Integrated Circuit Silicon Monolithic
TB2939HQ TOSHIBA-TB2939HQ Datasheet
362Kb / 18P
   45W × 4-ch BTL Audio Power IC
Rev-1.0 2009-01-21
More results

Similar Description - TB2936HQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB2946HQ TOSHIBA-TB2946HQ Datasheet
484Kb / 18P
   49 W × 4-ch BTL Audio Power IC
2009-01-29
TB2926CHQ TOSHIBA-TB2926CHQ Datasheet
296Kb / 18P
   49 W × 4-ch BTL Audio Power IC
2009-01-29
TB2932HQ TOSHIBA-TB2932HQ Datasheet
436Kb / 37P
   Maximum Power 49 W BTL 횞 4-ch Audio Power IC
TA8264AHQ TOSHIBA-TA8264AHQ Datasheet
262Kb / 14P
   Max Power 41 W BTL x 4 ch Audio Power IC
TA8272H TOSHIBA-TA8272H Datasheet
251Kb / 13P
   Max Power 43 W BTL x 4 ch Audio Power IC
TB2906HQ TOSHIBA-TB2906HQ Datasheet
281Kb / 16P
   Maximum Power 43 W BTL x 4-ch Audio Power IC
TA8277H TOSHIBA-TA8277H Datasheet
235Kb / 12P
   MAX POWER 43 W BTL x 4 CH AUDIO POWER IC
TA8271H TOSHIBA-TA8271H Datasheet
191Kb / 12P
   Max Power 41 W BTL X 4 ch Audio Power IC
TB2926HQ TOSHIBA-TB2926HQ Datasheet
333Kb / 18P
   45 W × 4-ch BTL Audio Power IC
2006-11-27
TB2904HQ TOSHIBA-TB2904HQ Datasheet
272Kb / 16P
   Maximum Power 43 W BTL x 4-ch Audio Power IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com