Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC08062CIWM Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC08062CIWM
Description  500 ns A/D Converter with S/H Function and Input Multiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08062CIWM Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button ADC08062CIWM Datasheet HTML 3Page - National Semiconductor (TI) ADC08062CIWM Datasheet HTML 4Page - National Semiconductor (TI) ADC08062CIWM Datasheet HTML 5Page - National Semiconductor (TI) ADC08062CIWM Datasheet HTML 6Page - National Semiconductor (TI) ADC08062CIWM Datasheet HTML 7Page - National Semiconductor (TI) ADC08062CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC08062CIWM Datasheet HTML 9Page - National Semiconductor (TI) ADC08062CIWM Datasheet HTML 10Page - National Semiconductor (TI) ADC08062CIWM Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DC Electrical Characteristics (Continued)
Note 8: Limits are guaranteed to National’s AOQL (Average Output Quality Level).
Note 9: Total unadjusted error includes offset, full-scale, and linearity errors.
Note 10: Two on-chip diodes are tied to each analog input and are reversed biased during normal operation. One is connected to V+ and the other is connected to
GND. They will become forward biased and conduct when an analog input voltage is equal to or greater than one diode drop above V+ or below GND. Therefore,
caution should be exercised when testing with V+ = 4.5V. Analog inputs with magnitudes equal to 5V can cause an input diode to conduct, especially at elevated tem-
peratures. This can create conversion errors for analog signals near full-scale. The specification allows 50 mV forward bias on either diode; e.g., the output code will
be correct as long as the analog input signal does not exceed the supply voltage by more than 50 mV. Exceeding this range on an unselected channel will corrupt
the reading of a selected channel. An absolute analog input signal voltage range of 0V
≤ VIN ≤ 5V can be achieved by ensuring that the minimum supply voltage ap-
plied to V+ is 4.950V over temperature variations, initial tolerance, and loading.
Note 11: Off-channel leakage current is measured after the on-channel selection.
TRI-STATE Test Circuits and Waveforms
t
1H
DS011086-2
t
1H,CL = 10 pF
DS011086-4
tr = 10 ns
t
0H
DS011086-3
t
0H,CL = 10 pF
DS011086-5
tr = 10 ns
www.national.com
7


Similar Part No. - ADC08062CIWM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08062CIWM NSC-ADC08062CIWM Datasheet
514Kb / 16P
   500 ns A/D Converter with S/H Function and Input Multiplexer
More results

Similar Description - ADC08062CIWM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08061 NSC-ADC08061_09 Datasheet
514Kb / 16P
   500 ns A/D Converter with S/H Function and Input Multiplexer
ADC08161 NSC-ADC08161 Datasheet
246Kb / 15P
   500 ns A/D Converter with S/H Function and 2.5V Bandgap Reference
ADC10461 NSC-ADC10461 Datasheet
760Kb / 16P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10461 TI1-ADC10461_14 Datasheet
1Mb / 24P
[Old version datasheet]   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
National Semiconductor ...
ADC10061 NSC-ADC10061 Datasheet
333Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10662 NSC-ADC10662 Datasheet
274Kb / 14P
   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10662 TI1-ADC10662_15 Datasheet
1,010Kb / 22P
[Old version datasheet]   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
National Semiconductor ...
ADC10064 NSC-ADC10064 Datasheet
342Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10461 NSC-ADC10461_06 Datasheet
757Kb / 17P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10662 TI1-ADC10662_14 Datasheet
1,008Kb / 23P
[Old version datasheet]   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com