Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC390LP4 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC390LP4
Description  MMIC VCO w/ BUFFER AMPLIFIER, 3.55 - 3.9 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC390LP4 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC390LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC390LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC390LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC390LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC390LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC390LP4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MICROWAVE CORPORATION
15 - 38
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
15
MMIC VCO w/ BUFFER
AMPLIFIER, 3.55 - 3.9 GHz
v01.0604
General Description
Features
Functional Diagram
The
HMC390LP4
is
a
GaAs
InGaP
Heterojunction Bipolar Transistor (HBT) MMIC
VCO
with
integrated
resonator,
negative
resistance device, varactor diode, and buffer
amplifier. Covering 3.55 to 3.9 GHz, the VCO’s
phase noise performance is excellent over
temperature, shock, vibration and process due
to the oscillator’s monolithic structure.
Power
output is 4.7 dBm typical from a single supply of
3V @ 42 mA. The voltage controlled oscillator is
packaged in a low cost leadless QFN 4 x 4 mm
surface mount package.
Pout: +4.7 dBm
Phase Noise: -112 dBc/Hz @100 KHz
No External Resonator Needed
Single Supply: 3V @ 42 mA
QFN Leadless SMT Package, 16 mm2
Typical Applications
Low noise MMIC VCO w/Buffer Amplifier for:
• Wireless Local Loop (WLL)
• VSAT & Microwave Radio
• Test Equipment & Industrial Controls
• Military
Electrical Specifications, T
A = +25° C, Vcc = +3V
Parameter
Min.
Typ.
Max.
Units
Frequency Range
3.55 - 3.9
GHz
Power Output
1.5
4.7
dBm
SSB Phase Noise @ 100 kHz Offset, Vtune= +5V @ RF Output
-112
dBc/Hz
Tune Voltage (Vtune)
0
10
V
Supply Current (Icc) (Vcc = +3.0V)
42
mA
Tune Port Leakage Current
10
µA
Output Return Loss
6dB
Harmonics
2nd
3rd
5
16
dBc
dBc
Pulling (into a 2.0:1 VSWR)
3.3
MHz pp
Pushing @ Vtune= +5V
-5
MHz/V
Frequency Drift Rate
0.4
MHz/°C
HMC390LP4


Similar Part No. - HMC390LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC390LP4 HITTITE-HMC390LP4 Datasheet
252Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 3.55 - 3.9 GHz
HMC390LP4 HITTITE-HMC390LP4 Datasheet
365Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 3.55 - 3.9 GHz
HMC390LP4E HITTITE-HMC390LP4E Datasheet
252Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 3.55 - 3.9 GHz
HMC390LP4 HITTITE-HMC390LP4_06 Datasheet
365Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 3.55 - 3.9 GHz
HMC390LP4 HITTITE-HMC390LP4_08 Datasheet
252Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 3.55 - 3.9 GHz
More results

Similar Description - HMC390LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC390LP4 HITTITE-HMC390LP4_08 Datasheet
252Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 3.55 - 3.9 GHz
HMC390LP4 HITTITE-HMC390LP4_06 Datasheet
365Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 3.55 - 3.9 GHz
HMC389LP4 HITTITE-HMC389LP4_08 Datasheet
246Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 3.35 - 3.55 GHz
HMC389LP4 HITTITE-HMC389LP4 Datasheet
271Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 3.35 - 3.55 GHz
HMC389LP4 HITTITE-HMC389LP4_07 Datasheet
324Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 3.35 - 3.55 GHz
HMC391LP4 HITTITE-HMC391LP4_09 Datasheet
238Kb / 4P
   MMIC VCO w/ BUFFER AMPLIFIER, 3.9 - 4.45 GHz
HMC391LP4 HITTITE-HMC391LP4 Datasheet
285Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 3.9 - 4.45 GHz
logo
Analog Devices
HMC391LP4 AD-HMC391LP4 Datasheet
316Kb / 4P
   MMIC VCO w/ BUFFER AMPLIFIER, 3.9 - 4.45 GHz
logo
Hittite Microwave Corpo...
HMC532LP4 HITTITE-HMC532LP4_09 Datasheet
202Kb / 4P
   MMIC VCO w/ BUFFER AMPLIFIER, 7.1 - 7.9 GHz
HMC358MS8G HITTITE-HMC358MS8G_08 Datasheet
202Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.8 - 6.8 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com