Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TV50C191J-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # TV50C191J-HF
Description  SMD Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV50C191J-HF Datasheet(HTML) 4 Page - Comchip Technology

  TV50C191J-HF Datasheet HTML 1Page - Comchip Technology TV50C191J-HF Datasheet HTML 2Page - Comchip Technology TV50C191J-HF Datasheet HTML 3Page - Comchip Technology TV50C191J-HF Datasheet HTML 4Page - Comchip Technology TV50C191J-HF Datasheet HTML 5Page - Comchip Technology TV50C191J-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Electrical Characteristics (TV50C110-HF Thru. TV50C441-HF)
UNI
BI
Maximum
Surge
IPP (A)
Maximum
Clamping
Voltage
VC (V)
Marking
Part No.
Reverse
Leakage
IR (uA)
Peak
Voltage
VRWM (V)
TV50C181J(B)-HF
TV50C191J(B)-HF
TV50C201J(B)-HF
TV50C221J(B)-HF
TV50C251J(B)-HF
TV50C301J(B)-HF
TV50C351J(B)-HF
TV50C401J(B)-HF
(V)
(V)
(mA)
Breakdown voltage
Note:
1) Suffix J denotes 5% tolerance devices.
2) Suffix B after part number to specify bi-directional devices.
3) For Bi-Directional devices having VR of 20 volts and under, the IR limit is double.
Maximum
@VRWM
Working
Reverse
Current
Reverse
@IPP
VBR @ IT
Code
Device
Min.
IT
Max.
224.0
247.0
1
279.0
309.0
1
391.0
432.0
1
5
5
5
200.0
250.0
350.0
324.0
405.0
567.0
15.4
12.3
8.8
5PHW
5PHZ
5PJG
5BHW
5BHZ
5BJG
200.0
211.0
246.0
335.0
447.0
492.0
220.0
232.0
272.0
371.0
494.0
543.0
1
1
1
1
1
1
5
5
5
5
5
5
180.0
190.0
220.0
300.0
400.0
440.0
17.1
16.2
14.0
10.3
7.7
7.0
291.6
307.8
356.0
486.0
648.0
713.0
5PHT
5PHV
5PHX
5PJE
5PJK
5PJM
5BHT
5BHV
5BHX
5BJE
5BJK
5BJM
TV50C441J(B)-HF
Comchip Technology CO., LTD.
SMD Transient Voltage Suppressor
Company reserves the right to improve product design , functions and reliability without notice.
Page 4
QW-JTV10
REV:C


Similar Part No. - TV50C191J-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV50C191J-G COMCHIP-TV50C191J-G Datasheet
125Kb / 6P
   SMD Transient Voltage Suppressor
More results

Similar Description - TV50C191J-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com