Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC0811 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0811
Description  8-Bit Serial I/O A/D Converter With 11-Channel Multiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0811 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button ADC0811 Datasheet HTML 6Page - National Semiconductor (TI) ADC0811 Datasheet HTML 7Page - National Semiconductor (TI) ADC0811 Datasheet HTML 8Page - National Semiconductor (TI) ADC0811 Datasheet HTML 9Page - National Semiconductor (TI) ADC0811 Datasheet HTML 10Page - National Semiconductor (TI) ADC0811 Datasheet HTML 11Page - National Semiconductor (TI) ADC0811 Datasheet HTML 12Page - National Semiconductor (TI) ADC0811 Datasheet HTML 13Page - National Semiconductor (TI) ADC0811 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Functional Description (Continued)
at least 64 w2 clocks to insure that the AD has completed
its conversion If SCLK is enabled sooner synchronizing to
the data output on DO is not possible since an end of con-
version signal from the AD is not available and the actual
conversion time is not known With CS low during the con-
version time (64 w2 max) DO will go low after the eighth
falling edge of SCLK and remain low until the conversion is
completed Once the conversion is through DO will transmit
the MSB The rest of the data will be shifted out once SCLK
is enabled as discussed previously
If CS goes high during the conversion sequence DO is tri-
stated and the result is not affected so long as CS remains
high until the end of the conversion
12 MULTIPLEXER ADDRESSING
The four bit mux address is shifted MSB first into DI Input
data corresponds to the channel selected as shown in table
1 Care should be taken not to send an address greater than
or equal to twelve (11XX) as this puts the AD in a digital
testing mode In this mode the analog inputs CH0 thru CH3
become digital outputs for our use in production testing
20 ANALOG INPUT
21 THE INPUT SAMPLE AND HOLD
The ADC0811’s samplehold capacitor is implemented in its
capacitive ladder structure After the channel address is re-
ceived the ladder is switched to sample the proper analog
input This sampling mode is maintained for 1 msec after the
eighth SCLK falling edge The hold mode is initiated with the
start of the conversion process An acquisition window of
4tSCLKa1 msec is therefore available to allow the ladder
capacitance to settle to the analog input voltage Any
change in the analog voltage before or after the acquisition
window will not effect the AD conversion result
In the most simple case the ladder’s acquisition time is de-
termined by the Ron (3K) of the multiplexer switches and the
total ladder capacitance (90pf) These values yield an acqui-
sition time of about 2 msec for a full scale reading There-
fore the analog input must be stable for at least 2 msec
before and 1 msec after the eighth SCLK falling edge to
ensure a proper conversion External input source resist-
ance and capacitance will lengthen the acquisition time and
should be accounted for
Other conventional sample and hold error specifications are
included in the error and timing specs of the AD The hold
step and gain error samplehold specs are taken into ac-
count in the ADC0811’s total unadjusted error while the
hold settling time is included in the AD’s max conversion
time of 64 w2 clock periods The hold droop rate can be
thought of as being zero since an unlimited amount of time
can pass between a conversion and the reading of data
However once the data is read it is lost and another conver-
sion is started
Typical Applications
ADC0811-INS8048 INTERFACE
TLH5587 – 21
10


Similar Part No. - ADC0811

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08100 NSC-ADC08100 Datasheet
572Kb / 19P
   8-Bit, 20 MSPS to 100 MSPS, 1.3 mW/MSPS A/D Converter
ADC08100 NSC-ADC08100 Datasheet
438Kb / 20P
   8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
logo
Texas Instruments
ADC08100 TI1-ADC08100 Datasheet
1Mb / 28P
[Old version datasheet]   ADC08100 8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
logo
National Semiconductor ...
ADC081000 NSC-ADC081000 Datasheet
718Kb / 29P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC081000 NSC-ADC081000 Datasheet
595Kb / 30P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
More results

Similar Description - ADC0811

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0833 NSC-ADC0833 Datasheet
316Kb / 20P
   8-Bit Serial I/O A/D Converter with 4-Channel Multiplexer
ADC0819 NSC-ADC0819_09 Datasheet
694Kb / 16P
   8-Bit Serial I/O A/D Converter with 19-Channel Multiplexer
ADC0819 NSC-ADC0819 Datasheet
279Kb / 12P
   8-Bit Serial I/O A/D Converter with 19-Channel Multiplexer
ADC1038 NSC-ADC1038 Datasheet
551Kb / 13P
   10-Bit Serial I/O A/D Converter with Analog Multiplexer
logo
Texas Instruments
ADC0831-N TI-ADC0831-N Datasheet
2Mb / 40P
[Old version datasheet]   8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Micro Linear Corporatio...
ML2281 MICRO-LINEAR-ML2281 Datasheet
410Kb / 26P
   Serial I/O 8-Bit A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC0831 NSC-ADC0831 Datasheet
755Kb / 33P
   8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Texas Instruments
ADCV08832 TI1-ADCV08832 Datasheet
304Kb / 16P
[Old version datasheet]   8-Bit Serial I/O CMOS A/D Converter
logo
Linear Technology
LTC1598 LINER-LTC1598 Datasheet
134Kb / 12P
   8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converter
logo
Toshiba Semiconductor
TC35080P TOSHIBA-TC35080P Datasheet
730Kb / 11P
   10-BIT SERIAL I/O A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com