Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C4911504-01LIE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C4911504-01LIE
Description  High Performance LVPECL Fanout Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C4911504-01LIE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C4911504-01LIE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C4911504-01LIE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C4911504-01LIE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C4911504-01LIE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C4911504-01LIE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C4911504-01LIE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C4911504-01LIE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C4911504-01LIE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C4911504-01LIE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.pericom.com
PI6C4911504-01 Rev A
2/27/15
2
PI6C4911504-01
High Performance LVPECL Fanout Buffer
Function Table
Table 1: Clock source input select function
IN_SEL
Function
0
REF_IN0 is the selected reference input
1
REF_IN1 is the selected reference input
Table 2: SYNC_OE select function
SYNC_OE
Function
0
All outputs disabled. Q+ disabled low, Q- disabled High.
1
All outputs enabled.
Pin Characteristics
Symbol
Parameter
Min
Typ
Max
Units
R
PULLUP
Input Pullup Resistor
50
R
PULLDOWN
Input Pulldown Resistor
75
Pin #
Pin Name
Type
Description
1
GND
Power
Ground
2
SYNC_OE
Input
Pullup
Synchronous clock enable. When High, clock
outputs follow REF_IN. When low, Q+ outputs are
forced low, Q- are forced high
3
IN_SEL
Input
Pulldown
Clock input source selection pin
4, 5
REF_IN0+
REF_IN0-
Input
Pulldown
Pullup
Differential clock input 0
6, 7
REF_IN1+
REF_IN1-
Input
Pulldown
Pullup
Differential clock input 1
8, 9
NC
-
No connect
10, 13, 18
V
DD
Power
Power supply
11, 12
Q3+
Q3-
Output
LVPECL output clock 3
14, 15
Q2+
Q2-
Output
LVPECL output clock 2
16, 17
Q1+
Q1-
Output
LVPECL output clock 1
19, 20
Q0+
Q0-
Output
LVPECL output clock 0
Pinout Table
15-0027


Similar Part No. - PI6C4911504-01LIE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C4911504-03 PERICOM-PI6C4911504-03 Datasheet
949Kb / 9P
   High Performance LVPECL Fanout Buffer
PI6C4911504-03LIE PERICOM-PI6C4911504-03LIE Datasheet
949Kb / 9P
   High Performance LVPECL Fanout Buffer
More results

Similar Description - PI6C4911504-01LIE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C4911504-03 PERICOM-PI6C4911504-03 Datasheet
949Kb / 9P
   High Performance LVPECL Fanout Buffer
PI6C4911505-07 PERICOM-PI6C4911505-07 Datasheet
1Mb / 12P
   High Performance 1:5 LVPECL Fanout Buffer
PI6C4911506 PERICOM-PI6C4911506 Datasheet
1Mb / 14P
   6 Output High Performance LVPECL Fanout Buffer
PI6C4911505 PERICOM-PI6C4911505 Datasheet
943Kb / 8P
   High Performance 1:5 LVPECL Fanout Buffer
PI6C4911505-04 PERICOM-PI6C4911505-04 Datasheet
1Mb / 7P
   High Performance 1:5 LVPECL Fanout Buffer
logo
Integrated Device Techn...
8538-31 IDT-8538-31 Datasheet
226Kb / 14P
   LVPECL Fanout Buffer
853S024 IDT-853S024_11 Datasheet
900Kb / 19P
   LVPECL Fanout Buffer
ICS8535-31 IDT-ICS8535-31 Datasheet
272Kb / 15P
   LVPECL FANOUT BUFFER
ICS85314I-11 IDT-ICS85314I-11 Datasheet
459Kb / 21P
   LVPECL Fanout Buffer
ICS8535I-31 IDT-ICS8535I-31_10 Datasheet
847Kb / 15P
   LVPECL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com