Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TV15C101J-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # TV15C101J-HF
Description  SMD Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV15C101J-HF Datasheet(HTML) 2 Page - Comchip Technology

  TV15C101J-HF Datasheet HTML 1Page - Comchip Technology TV15C101J-HF Datasheet HTML 2Page - Comchip Technology TV15C101J-HF Datasheet HTML 3Page - Comchip Technology TV15C101J-HF Datasheet HTML 4Page - Comchip Technology TV15C101J-HF Datasheet HTML 5Page - Comchip Technology TV15C101J-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SMD Transient Voltage Suppressor
Ratings and Characteristics Curve (TV15C5V0-HF Thru. TV15C441-HF)
Pulse Width, (μs)
100
10
1
0.1
Fig.4 - Peak Pulse Power Rating Curve
0.1
1.0
10
100
Ambient Temperature, (°C )
0
Fig.1 - Pulse Derating Curve
0
25
50
100
75
50
100
175
150
10000
1000
25
125
75
Lead Temperature, (°C )
0
Fig.3 - Steady State Power Derating Curve
0
1
3
7
25
75
100
175
2
6
50
125
150
5
4
Number of Cycles at 60Hz
1
Fig.2 - Max. Non-Repetitive Surge Current
0
200
10
100
120
40
80
160
8.3mS single half
sine-wave (JEDEC method)
TJ=TJ , max.
Fig.6 - Typical Junction Capacitance
10000
1000
100
100000
10
1
1
Reverse Breakdown Voltage, (V)
C
10
100
1000
TJ=25 C
f=1.0MHz
O
Uni-directional
@zero bias
Bi-directional @ VRWM
Bi-directional
@zero bias
Uni-directional
@VRWM
Fig.5 - Pulse Waveforem
Time, (ms)
0
0
1.0
4.0
50
100
3.0
2.0
Peak value
TR=10 s
μ
Half Value=
Ipp
2
TJ = 25°C
td
Pluse width(td) is defined as the
point where the peak current
decays to 50% of Ipp
10 / 1000
waveform
μsec.
as defined by R.E.A.
(Ipp)
Page 2
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
QW-JTV05
REV: C


Similar Part No. - TV15C101J-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV15C101J COMCHIP-TV15C101J Datasheet
115Kb / 4P
   SMD Transient Voltage Suppressor
TV15C101JB COMCHIP-TV15C101JB Datasheet
115Kb / 4P
   SMD Transient Voltage Suppressor
More results

Similar Description - TV15C101J-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com