Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC385LP4 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part No. HMC385LP4
Description  MMIC VCO w/ BUFFER AMPLIFIER, 2.25 - 2.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC385LP4 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MICROWAVE CORPORATION
15 - 18
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
15
MMIC VCO w/ BUFFER
AMPLIFIER, 2.25 - 2.5 GHz
HMC385LP4
v01.0604
The circuit board used in the final application should
use RF circuit design techniques. Signal lines should
have 50 ohm impedance while the package ground
leads and exposed paddle should be connected
directly to the ground plane similar to that shown. A
sufficient number of via holes should be used to con-
nect the top and bottom ground planes. The evalua-
tion circuit board shown is available from Hittite upon
request.
Evaluation PCB
List of Materials
Item
Description
J1 - J2
PC Mount SMA RF Connector
J3 - J4
DC Pin
C1
4.7 µF Tantalum Capacitor
C2
10,000 pF Capacitor, 0603 Pkg.
U1
HMC385LP4 VCO
PCB*
105667 Eval Board
* Circuit Board Material: Rogers 4350


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HMC384LP4MMIC VCO w/ BUFFER AMPLIFIER 2.05 - 2.25 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC506LP4MMIC VCO w/ BUFFER AMPLIFIER 7.8 - 8.7 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC358MS8GMMIC VCO w/ BUFFER AMPLIFIER 5.8 - 6.8 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC586LC4BWIDEBAND MMIC VCO w/ BUFFER AMPLIFIER 4.0 - 8.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC587LC4BWIDEBAND MMIC VCO w/ BUFFER AMPLIFIER 5 - 10 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC588LC4BWIDEBAND MMIC VCO w/ BUFFER AMPLIFIER 8.0 - 12.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC386LP4MMIC VCO w/ BUFFER AMPLIFIER 2.6 - 2.8 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC416LP4MMIC VCO w/ BUFFER AMPLIFIER 2.75 - 3.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC388LP4MMIC VCO w/ BUFFER AMPLIFIER 3.15 - 3.4 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC389LP4MMIC VCO w/ BUFFER AMPLIFIER 3.35 - 3.55 GHz 1 2 3 4 5 MoreHittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn