Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TV15J161A-G Datasheet(PDF) 3 Page - Comchip Technology

Part # TV15J161A-G
Description  SMD Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV15J161A-G Datasheet(HTML) 3 Page - Comchip Technology

  TV15J161A-G Datasheet HTML 1Page - Comchip Technology TV15J161A-G Datasheet HTML 2Page - Comchip Technology TV15J161A-G Datasheet HTML 3Page - Comchip Technology TV15J161A-G Datasheet HTML 4Page - Comchip Technology TV15J161A-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Electrical Characteristics (TV15CJ6V8-G Thru. TV15CJ601-G)
UNI
BI
Maximum
Surge
IPP (A)
Maximum
Clamping
Voltage
VC (V)
Marking
Part No.
Reverse
Leakage
IR (uA)
Peak
Voltage
VRWM (V)
(V)
(V)
(mA)
Breakdown voltage
Maximum
@VRWM
Working
Reverse
Current
Reverse
@IPP
VBR @ IT
Code
Device
Min.
IT
Max.
1) Suffix A denotes 5% tolerance devices.
2)
.
Add suffix “C” or “CA” after part number to specify Bi-directional devices
3) For Bi-Directional devices having VR of 10 volts and under, the IR limit is double.
Note:
TV15CJ6V8(C A-G
)
TV
7V5
-
15CJ
(C)A G
TV
8V2
-
15CJ
(C)A G
TV
9V1
15CJ
(C)A-G
TV
100
15CJ
(C)A-G
TV
110
15CJ
(C)A-G
TV
120
15CJ
(C)A-G
TV
130
15CJ
(C)A-G
TV
150
15CJ
(C)A-G
TV
160
15CJ
(C)A-G
TV
180
15CJ
(C)A-G
TV
200
15CJ
(C)A-G
TV
220
15CJ
(C)A-G
TV
240
15CJ
(C)A-G
TV
270
15CJ
(C)A-G
TV
300
15CJ
(C)A-G
TV
330
15CJ
(C)A-G
TV
360
15CJ
(C)A-G
TV
390
15CJ
(C)A-G
TV
430
15CJ
(C)A-G
TV
470
15CJ
(C)A-G
TV
510
15CJ
(C)A-G
TV
560
15CJ
(C)A-G
TV
620
15CJ
(C)A-G
TV
680
15CJ
(C)A-G
TV
750
15CJ
(C)A-G
TV
820
15CJ
(C)A-G
TV
910
15CJ
(C)A-G
TV
101
15CJ
(C)A-G
TV
111
15CJ
(C)A-G
TV
121
15CJ
(C)A-G
TV
131
15CJ
(C)A-G
TV
151
15CJ
(C)A-G
TV
161
15CJ
(C)A-G
TV
171
15CJ
(C)A-G
TV
181
15CJ
(C)A-G
TV
201
15CJ
(C)A-G
TV
221
15CJ
(C)A-G
TV
251
15CJ
(C)A-G
TV
301
15CJ
(C)A-G
TV
351
15CJ
(C)A-G
TV
381
15CJ
(C)A-G
TV
401
15CJ
(C)A-G
TV
441
15CJ
(C)A-G
TV
501
15CJ
(C)A-G
TV
521
15CJ
(C)A-G
TV
551
15CJ
(C)A-G
TV
601
15CJ
(C)A-G
5.8
6.4
7.0
7.8
8.6
9.4
10.2
11.1
12.8
13.6
15.3
17.1
18.8
20.5
23.1
25.6
28.2
30.8
33.3
36.8
40.2
43.6
47.8
53.0
58.1
64.1
70.1
77.8
85.5
94.0
102.0
111.0
128.0
136.0
145.0
154.0
171.0
185.0
214.0
256.0
299.3
324.9
342.0
376.2
427.5
444.6
470.3
513.0
6V8A
6V8C
7V5A
8V2A
9V1A
10A
11A
12A
13A
15A
16A
18A
20A
22A
24A
27A
30A
33A
36A
39A
43A
47A
51A
56A
62A
68A
75A
82A
91A
100A
110A
120A
130A
150A
160A
170A
180A
200A
220A
250A
300A
350A
380A
400A
440A
500A
520A
550A
600A
7V5C
8V2C
9V1C
10C
11C
12C
13C
15C
16C
18C
20C
22C
24C
27C
30C
33C
36C
39C
43C
47C
51C
56C
62C
68C
75C
82C
91C
100C
110C
120C
130C
150C
160C
170C
180C
200C
220C
250C
300C
350C
380C
400C
440C
500C
520C
550C
600C
6.46
7.14
7.13
7.88
7.79
8.61
8.65
9.56
9.50
10.50
10.45
11.55
11.40
12.60
12.35
13.65
14.25
15.75
15.20
16.80
17.10
18.90
19.00
21.00
20.90
23.10
22.80
25.20
25.65
28.35
28.50
31.50
31.35
34.65
34.20
37.80
37.05
40.95
40.85
45.15
44.65
49.35
48.45
53.55
53.20
58.80
58.90
65.10
64.60
71.40
71.25
78.75
77.90
86.10
86.45
95.55
95.00
105.00
104.50
115.50
114.00
126.00
123.50
136.50
142.50
157.50
152.00
168.00
161.50
178.50
171.00
189.00
190.00
210.00
209.00
231.00
237.50
262.50
285.00
315.00
332.50
367.50
361.00
399.00
380.00
420.00
418.00
462.00
475.00
525.00
494.00
546.00
522.50
577.50
570.00
630.00
10
10
10
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1000
500
200
50
10
5
5
1
142.86
132.74
123.97
111.94
103.45
96.15
89.82
82.42
70.75
66.67
59.52
54.15
49.02
45.18
40.00
36.23
32.82
30.06
27.83
25.30
23.15
21.40
19.48
17.65
16.30
14.56
13.27
12.00
10.95
9.87
9.09
8.38
7.25
6.85
6.41
6.10
5.47
4.57
4.36
3.62
3.11
2.86
2.72
2.47
2.17
2.09
1.98
1.81
10.5
11.3
12.1
13.4
14.5
15.6
16.7
18.2
21.2
22.5
25.2
27.7
30.6
33.2
37.5
41.4
45.7
49.9
53.9
59.3
64.8
70.1
77.0
85.0
92.0
103.0
113.0
125.0
137.0
152.0
165.0
179.0
207.0
219.0
234.0
246.0
274.0
328.0
344.0
414.0
482.0
524.4
548.0
602.0
690.0
717.6
759.0
828.0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Page 3
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
QW-BTV17
REV:B
SMD Transient Voltage Suppressor


Similar Part No. - TV15J161A-G

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
TV1500G AAVID-TV1500G Datasheet
8Mb / 116P
   Channel style heat sink with folded back fins
TV1500G AAVID-TV1500G Datasheet
8Mb / 116P
   How to Use This Catalog
TV1505G AAVID-TV1505G Datasheet
8Mb / 116P
   Channel style heat sink with folded back fins
TV1505G AAVID-TV1505G Datasheet
8Mb / 116P
   How to Use This Catalog
logo
Comchip Technology
TV15C100J COMCHIP-TV15C100J Datasheet
115Kb / 4P
   SMD Transient Voltage Suppressor
More results

Similar Description - TV15J161A-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com