Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TV15C200J-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # TV15C200J-HF
Description  SMD Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV15C200J-HF Datasheet(HTML) 3 Page - Comchip Technology

  TV15C200J-HF Datasheet HTML 1Page - Comchip Technology TV15C200J-HF Datasheet HTML 2Page - Comchip Technology TV15C200J-HF Datasheet HTML 3Page - Comchip Technology TV15C200J-HF Datasheet HTML 4Page - Comchip Technology TV15C200J-HF Datasheet HTML 5Page - Comchip Technology TV15C200J-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SMD Transient Voltage Suppressor
UNI
BI
Maximum
Surge
IPP (A)
Maximum
Clamping
Voltage
VC (V)
Marking
Part No.
Reverse
Leakage
IR (uA)
Peak
Voltage
VRWM (V)
6.40
7.00
10
800
5.0
9.2
6.67
7.37
10
800
6.0
10.3
7.22
7.98
10
500
6.5
11.2
TV15C5V0J(B)-HF
TV15C6V0J(B)-HF
TV15C6V5J(B)-HF
TV15C7V0J(B)-HF
7.78
8.60
10
200
7.0
12.0
TV15C180J(B)-HF
20.00
22.10
1
18.0
29.2
TV15C200J(B)-HF
22.20
24.50
1
20.0
32.4
TV15C220J(B)-HF
24.40
26.90
1
22.0
35.5
TV15C190J(B)-HF
21.10
23.30
1
19.0
30.8
TV15C140J(B)-HF
15.60
17.20
1
14.0
23.2
TV15C150J(B)-HF
16.70
18.50
1
15.0
24.4
TV15C160J(B)-HF
17.80
19.70
1
16.0
26.0
TV15C170J(B)-HF
18.90
20.90
1
17.0
27.6
TV15C100J(B)-HF
11.10
12.30
1
10.0
17.0
TV15C110J(B)-HF
12.20
13.50
1
11.0
18.2
TV15C120J(B)-HF
13.30
14.70
1
12.0
19.9
TV15C130J(B)-HF
14.40
15.90
1
13.0
21.5
TV15C7V5J(B)-HF
8.33
9.21
1
100
7.5
12.9
TV15C8V0J(B)-HF
8.89
9.83
1
50
8.0
13.6
TV15C8V5J(B)-HF
9.44
10.40
1
20
8.5
14.4
TV15C9V0J(B)-HF
10.00
11.10
1
10
9.0
15.4
(V)
(V)
(mA)
Breakdown voltage
Maximum
@VRWM
Working
Reverse
Current
Reverse
@IPP
VBR @ IT
Code
Device
Min.
IT
Max.
5.0
1.0
1.0
1.0
TV15C330J(B)-HF
36.70
40.60
1
33.0
53.3
TV15C400J(B)-HF
44.40
49.10
1
40.0
64.5
TV15C430J(B)-HF
47.80
52.80
1
43.0
69.4
TV15C360J(B)-HF
40.00
44.20
1
36.0
58.1
TV15C240J(B)-HF
26.70
29.50
1
24.0
38.9
TV15C260J(B)-HF
28.90
31.90
1
26.0
42.1
TV15C280J(B)-HF
31.10
34.40
1
28.0
45.4
TV15C300J(B)-HF
33.30
36.80
1
30.0
48.4
TV15C580J(B)-HF
TV15C640J(B)-HF
TV15C700J(B)-HF
TV15C600J(B)-HF
TV15C450J(B)-HF
TV15C480J(B)-HF
TV15C510J(B)-HF
TV15C540J(B)-HF
TV15C900J(B)-HF
TV15C111J(B)-HF
TV15C121J(B)-HF
TV15C101J(B)-HF
TV15C750J(B)-HF
TV15C780J(B)-HF
TV15C800J(B)-HF
TV15C850J(B)-HF
64.40
71.20
1
58.0
93.6
71.10
78.60
1
64.0
103.0
77.80
86.00
1
70.0
113.0
66.70
73.70
1
60.0
96.8
50.00
55.30
1
45.0
72.7
53.30
58.90
1
48.0
77.4
56.70
62.70
1
51.0
82.4
60.00
66.30
1
54.0
87.1
100.00
111.00
1
90.0
146.0
122.00
135.00
1
110.0
177.0
133.00
147.00
1
120.0
193.0
111.00
123.00
1
100.0
162.0
83.30
92.10
1
75.0
121.0
86.70
95.80
1
78.0
126.0
88.80
97.60
1
80.0
129.6
94.40
104.00
1
85.0
137.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
163.04
145.63
133.93
125.00
116.28
110.29
104.17
97.40
88.24
82.42
75.38
69.77
64.66
61.48
57.69
54.35
51.37
46.30
42.25
38.56
35.63
33.04
30.99
48.73
20.63
19.38
18.20
17.22
16.03
15.50
14.56
13.27
10.27
9.26
8.47
7.77
12.40
11.90
10.95
11.57
25.82
23.26
21.61
28.14
GDE
BDE
GDG
BDG
GDK
BDK
GDM
BDM
GDP
BDP
GDR
BDR
GDT
BDT
GDV
BDV
GDX
BDX
GDZ
BDZ
GEE
BEE
GEG
BEG
GEK
BEK
GEM
BEM
GEP
BEP
GER
BER
GET
BET
GEV
BEV
GEX
BEX
GEZ
BEZ
GFE
BFE
GFG
BFG
GFK
BFK
GEB
BEB
GFV
BFV
GFX
BFX
GFZ
BFZ
GGE
BGE
GGG
BGG
GGK
BGK
GGM
BGM
GGP
BGP
GGX
BGX
GGZ
BGZ
GHE
BHE
GHG
BHG
GGR
BGR
GGT
BGT
GGV
BGV
GGB
BGB
GFP
BFP
GFR
BFR
GFT
BFT
GFM
BFM
Electrical Characteristics (TV15C5V0-HF Thru. TV
441-HF)
15C
Page 3
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
REV: C
QW-JTV05


Similar Part No. - TV15C200J-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV15C200J-G COMCHIP-TV15C200J-G Datasheet
2Mb / 4P
   Working Peak Reverse Voltage : 5.0 - 170 Volts , Power Dissipation : 1500 Watts , RoHS Device
More results

Similar Description - TV15C200J-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com