Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TV02W750-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # TV02W750-HF
Description  SMD Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV02W750-HF Datasheet(HTML) 3 Page - Comchip Technology

  TV02W750-HF Datasheet HTML 1Page - Comchip Technology TV02W750-HF Datasheet HTML 2Page - Comchip Technology TV02W750-HF Datasheet HTML 3Page - Comchip Technology TV02W750-HF Datasheet HTML 4Page - Comchip Technology TV02W750-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Electrical Characteristics (TV02W5V0-HF Thru. TV02W191-HF)
Notes:
1. Suffix B after part number to specify bi-directional devices.
SMD Transient Voltage Suppressor
TV02W5V0(B)-HF
5.0
6.40
7.00
10
9.20
21.74
400
FE
KE
TV02W6V0(B)-HF
6.0
6.67
7.37
10
10.3
19.42
400
FG
KG
TV02W6V5(B)-HF
6.5
7.22
7.98
10
11.2
17.86
250
FK
KK
TV02W7V0(B)-HF
7.0
7.78
8.60
10
12.0
16.67
100
FM
KM
TV02W7V5(B)-HF
7.5
8.33
9.21
1
12.9
15.50
50
FP
KP
TV02W8V0(B)-HF
8.0
8.89
9.83
1
13.6
14.71
25
FR
KR
TV02W8V5(B)-HF
8.5
9.44
10.40
1
14.4
13.89
10
FT
KT
TV02W9V0(B)-HF
9.0
10.00
11.10
1
15.4
12.99
5
FV
KV
TV02W100(B)-HF
10.0
11.10
12.30
1
17.0
11.76
2.5
FX
KX
TV02W110(B)-HF
11.0
12.20
13.50
1
18.2
10.99
2.5
FZ
KZ
TV02W120(B)-HF
12.0
13.30
14.70
1
19.9
10.05
2.5
HE
LE
TV02W130(B)-HF
13.0
14.40
15.90
1
21.5
9.30
1
HG
LG
TV02W140(B)-HF
14.0
15.60
17.20
1
23.2
8.62
1
HK
LK
TV02W150(B)-HF
15.0
16.70
18.50
1
24.4
8.20
1
HM
LM
TV02W160(B)-HF
16.0
17.80
19.70
1
26.0
7.69
1
HP
LP
TV02W170(B)-HF
17.0
18.90
20.90
1
27.6
7.25
1
HR
LR
TV02W180(B)-HF
18.0
20.00
22.10
1
29.2
6.85
1
HT
LT
TV02W190(B)-HF
19.0
21.10
23.30
1
30.6
6.54
1
HB
LB
TV02W200(B)-HF
20.0
22.20
24.50
1
32.4
6.17
1
HV
LV
TV02W220(B)-HF
22.0
24.40
26.90
1
35.5
5.63
1
HX
LX
TV02W240(B)-HF
24.0
26.70
29.50
1
38.9
5.14
1
HZ
LZ
TV02W260(B)-HF
26.0
28.90
31.90
1
42.1
4.75
1
JE
ME
TV02W280(B)-HF
28.0
31.10
34.40
1
45.4
4.41
1
JG
MG
TV02W300(B)-HF
30.0
33.30
36.80
1
48.4
4.13
1
JK
MK
TV02W330(B)-HF
33.0
36.70
40.60
1
53.3
3.75
1
JM
MM
TV02W360(B)-HF
36.0
40.00
44.20
1
58.1
3.44
1
JP
MP
TV02W400(B)-HF
40.0
44.40
49.10
1
64.5
3.10
1
JR
MR
TV02W430(B)-HF
43.0
47.80
52.80
1
69.4
2.88
1
JT
MT
TV02W450(B)-HF
45.0
50.00
55.30
1
72.7
2.75
1
JV
MV
TV02W480(B)-HF
48.0
53.30
58.90
1
77.4
2.58
1
JX
MX
TV02W510(B)-HF
51.0
56.70
62.70
1
82.4
2.43
1
JZ
MZ
TV02W540(B)-HF
54.0
60.00
66.30
1
87.1
2.30
1
XE
NE
TV02W580(B)-HF
58.0
64.40
71.20
1
93.6
2.14
1
XG
NG
TV02W600(B)-HF
60.0
66.70
73.70
1
96.8
2.07
1
XK
NK
TV02W640(B)-HF
64.0
71.10
78.60
1
103.0
1.94
1
XM
NM
TV02W700(B)-HF
70.0
77.80
86.00
1
113.0
1.77
1
XP
NP
TV02W750(B)-HF
75.0
83.30
92.10
1
121.0
1.65
1
XR
NR
TV02W780(B)-HF
78.0
86.70
95.80
1
126.0
1.59
1
XT
NT
TV02W800(B)-HF
80.0
88.80
97.60
1
129.0
1.55
1
XB
NB
TV02W850(B)-HF
85.0
94.40
104.00
1
137.0
1.46
1
XV
NV
Absolute Maximum Rating (Ta=25°C)
VRWM
VBR Min.
VBR Max.
IT
IR (Max.)
(V)
(V)
(V)
(mA)
(V)
(A)
(uA)
Uni
Bi
Part No
VC (Max.)
Marking Code
TV02W900(B)-HF
TV02W101(B)-HF
TV02W111(B)-HF
TV02W121(B)-HF
TV02W131(B)-HF
90.0
100.00
111.00
1
146.0
1.37
1
XX
NX
100.0
111.00
123.00
1
162.0
1.23
1
XZ
NZ
110.0
122.00
135.00
1
177.0
1.13
1
TE
PE
120.0
133.00
147.00
1
193.0
1.04
1
TG
PG
130.0
144.00
159.00
1
209.0
0.96
1
TK
PK
TV02W141(B)-HF
TV02W151(B)-HF
TV02W161(B)-HF
TV02W171(B)-HF
TV02W181(B)-HF
140.0
155.00
171.00
1
224.0
0.89
1
TB
PB
150.0
167.00
185.00
1
243.0
0.82
1
TM
PM
160.0
178.00
197.00
1
259.0
0.77
1
TP
PP
170.0
189.00
209.00
1
275.0
0.73
1
TR
PR
180.0
200.00
220.00
1
292.0
0.68
1
TT
PT
TV02W191(B)-HF
190.0
211.00
232.00
1
308.0
0.65
1
TV
PV
IPP (
Max.)
@ 10/1000us
@ VRWM
@ IPP
Page 3
REV:C
Comchip Technology CO., LTD.
QW-JTV08
2. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double.
Company reserves the right to improve product design , functions and reliability without notice.


Similar Part No. - TV02W750-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV02W750-G COMCHIP-TV02W750-G Datasheet
111Kb / 5P
   SMD Transient Voltage Suppressor
More results

Similar Description - TV02W750-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com