Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TV02W780-G Datasheet(PDF) 4 Page - Comchip Technology

Part # TV02W780-G
Description  SMD Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV02W780-G Datasheet(HTML) 4 Page - Comchip Technology

  TV02W780-G Datasheet HTML 1Page - Comchip Technology TV02W780-G Datasheet HTML 2Page - Comchip Technology TV02W780-G Datasheet HTML 3Page - Comchip Technology TV02W780-G Datasheet HTML 4Page - Comchip Technology TV02W780-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SMD Transient Voltage Suppressor
Page 4
Comchip Technology CO., LTD.
QW-BTV15
REV:E
Reel Taping Specification
Index hole
d
E
F
B
W
A
P
P0
P1
D1
D2
D
W1
T
C
B
C
d
D
D2
D1
SOD-123
SYMBOL
A
(mm)
(inch)
1.969 Min.
4.00 0.10
±
1.55 ± 0.05
50.00 Min.
13.00 0.20
±
4.00 0.10
±
2.00 0.05
±
178.00 1.00
±
7.008 0.039
±
0.512 0.008
±
SYMBOL
(mm)
(inch)
0.157 0.004
±
0.157 0.004
±
0.079 0.002
±
E
F
P
P0
P1
W
W1
1.75 ± 0.10
0.069 ± 0.004
3.50 0.05
±
0.138 0.002
±
SOD-123
1.85 0.10
±
0.073 0.004
±
3.94 0.10
±
0.155 0.004
±
1.57 0.10
±
0.062 0.004
±
11.40 Max.
0.449 Max.
0.061 ± 0.002
0.315 ± 0.004
8.00 ± 0.10
Trailer
Device
Leader
400mm (min)
160mm (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
Direction of Feed
Company reserves the right to improve product design , functions and reliability without notice.


Similar Part No. - TV02W780-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV02W780-HF COMCHIP-TV02W780-HF Datasheet
111Kb / 5P
   SMD Transient Voltage Suppressor
More results

Similar Description - TV02W780-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com