Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TV04A8V5J-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # TV04A8V5J-HF
Description  SMD Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV04A8V5J-HF Datasheet(HTML) 3 Page - Comchip Technology

  TV04A8V5J-HF Datasheet HTML 1Page - Comchip Technology TV04A8V5J-HF Datasheet HTML 2Page - Comchip Technology TV04A8V5J-HF Datasheet HTML 3Page - Comchip Technology TV04A8V5J-HF Datasheet HTML 4Page - Comchip Technology TV04A8V5J-HF Datasheet HTML 5Page - Comchip Technology TV04A8V5J-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Comchip Technology CO., LTD.
Page 3
SMD Transient Voltage Suppressor
REV:F
QW-JTV01
Company reserves the right to improve product design , functions and reliability without notice.
Electrical Characteristics (TV04A5V0-HF Thru. TV04A441-HF)
UNI
BI
Maximum
Surge
IPP (A)
Maximum
Clamping
Voltage
VC (V)
Marking
Part No.
Reverse
Leakage
IR (uA)
Peak
Voltage
VRWM (V)
6.40
7.00
10
800
5.0
43.48
9.2
6.67
7.37
10
800
6.0
38.83
10.3
7.22
7.98
10
500
6.5
35.71
11.2
TV04A5V0J(B)-HF
TV04A6V0J(B)-HF
TV04A6V5J(B)-HF
TV04A7V0J(B)-HF
7.78
8.60
10
200
7.0
33.33
12.0
TV04A180J(B)-HF
20.00
22.10
1
18.0
13.70
29.2
TV04A200J(B)-HF
22.20
24.50
1
20.0
12.35
32.4
TV04A220J(B)-HF
24.40
26.90
1
22.0
11.27
35.5
TV04A190J(B)-HF
21.10
23.30
1
19.0
13.00
30.8
TV04A140J(B)-HF
15.60
17.20
1
14.0
17.24
23.2
TV04A150J(B)-HF
16.70
18.50
1
15.0
16.39
24.4
TV04A160J(B)-HF
17.80
19.70
1
16.0
15.38
26.0
TV04A170J(B)-HF
18.90
20.90
1
17.0
14.49
27.6
TV04A100J(B)-HF
11.10
12.30
1
10.0
23.53
17.0
TV04A110J(B)-HF
12.20
13.50
1
11.0
21.98
18.2
TV04A120J(B)-HF
13.30
14.70
1
12.0
20.10
19.9
TV04A130J(B)-HF
14.40
15.90
1
13.0
18.60
21.5
TV04A7V5J(B)-HF
8.33
9.21
1
100
7.5
31.01
12.9
TV04A8V0J(B)-HF
8.89
9.83
1
50
8.0
29.41
13.6
TV04A8V5J(B)-HF
9.44
10.40
1
10
8.5
27.78
14.4
TV04A9V0J(B)-HF
10.00
11.10
1
5
9.0
25.97
15.4
(V)
(V)
(mA)
Breakdown voltage
AE
AG
AK
AM
BT
BB
BV
BX
BK
BM
BR
BP
AZ
BE
BG
AX
AP
AT
AR
AV
Maximum
@VRWM
Working
Reverse
Current
Reverse
@IPP
VBR @ IT
WE
WG
WK
WM
XT
XB
XV
XX
XK
XM
XR
XP
WZ
XE
XG
WX
WP
WT
WR
WV
Code
Device
Min.
IT
Max.
1
1
1
1
1
1
1
1
5
1
1
1
TV04A330J(B)-HF
36.70
40.60
1
33.0
7.50
53.3
TV04A400J(B)-HF
44.40
49.10
1
40.0
6.20
64.5
TV04A430J(B)-HF
47.80
52.80
1
43.0
5.76
69.4
TV04A360J(B)-HF
40.00
44.20
1
36.0
6.88
58.1
TV04A240J(B)-HF
26.70
29.50
1
24.0
10.28
38.9
TV04A260J(B)-HF
28.90
31.90
1
26.0
9.50
42.1
TV04A280J(B)-HF
31.10
34.40
1
28.0
8.81
45.4
TV04A300J(B)-HF
33.30
36.80
1
30.0
8.26
48.4
CM
CP
CR
CT
BZ
CE
CK
CG
YM
YP
YR
YT
XZ
YE
YK
YG
1
1
1
1
1
1
1
1
TV04A580J(B)-HF
TV04A640J(B)-HF
TV04A700J(B)-HF
TV04A600J(B)-HF
TV04A450J(B)-HF
TV04A480J(B)-HF
TV04A510J(B)-HF
TV04A540J(B)-HF
TV04A750J(B)-HF
TV04A780J(B)-HF
TV04A800J(B)-HF
TV04A850J(B)-HF
64.40
71.20
1
58.0
93.6
71.10
78.60
1
64.0
103.0
77.80
86.00
1
70.0
113.0
66.70
73.70
1
60.0
96.8
50.00
55.30
1
45.0
72.7
53.30
58.90
1
48.0
77.4
56.70
62.70
1
51.0
82.4
60.00
66.30
1
54.0
87.1
RG
RK
RM
RP
CV
CX
RE
CZ
ZG
ZK
ZM
ZP
YV
YX
ZE
YZ
1
1
1
1
1
1
1
1
83.30
92.10
1
75.0
121.0
86.70
95.80
1
78.0
126.0
88.80
97.60
1
80.0
129.6
94.40
104.00
1
85.0
137.0
RR
RT
RV
RB
ZR
ZT
ZV
ZB
1
1
1
1
5.50
4.85
4.59
5.17
4.27
3.88
3.54
4.13
3.31
3.09
2.92
3.17


Similar Part No. - TV04A8V5J-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A8V5J-G COMCHIP-TV04A8V5J-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
More results

Similar Description - TV04A8V5J-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com