Electronic Components Datasheet Search |
|
TV30C430JB-HF Datasheet(PDF) 1 Page - Comchip Technology |
|
TV30C430JB-HF Datasheet(HTML) 1 Page - Comchip Technology |
1 / 6 page Working Peak Reverse Voltage: 5.0 to 440 Volts Power Dissipation: 3000 Watts RoHS Device Page 1 REV:B TV30C5V0-HF Thru. TV30C441-HF QW-JTV09 Comchip Technology CO., LTD. Company reserves the right to improve product design , functions and reliability without notice. Halogen Free SMC/DO-214AB Dimensions in inches and (millimeter) 0.245(6.15) 0.220(5.52) 0.320(8.02) 0.305(7.64) 0.012(0.30) 0.006(0.15) 0.008(0.20) 0.000(0.00) 0.060(1.51) 0.030(0.75) 0.103(2.59) 0.079(1.98) 0.280(7.02) 0.260(6.52) 0.126(3.16) 0.114(2.86) Features - Glass passivated chip. - Low leakage. - Excellent clamping capability. - Very fast response time. Mechanical Data - 3000W peak pulse power capability with a 10/1000µs waveform, repetitive rate (duty cycle):0.01% - Uni and Bidirectional unit. - Case: DO-214AB/SMC molded plastic. - Terminals: Solderable per MIL-STD-750, method 2026. - Weight: (approx.) 0.230 gram - Epoxy: UL 94V-0 rate flame retardant - Polarity: Color band denoted cathode end except bipolar. R - UL recognized file # E349157 - Range: TV30C5V0J(B) thru. TV30C171J(B) SMD Transient Voltage Suppressor Maximum Ratings and Electrical Characteristics Rating at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Notes: 1. Non-repetitive current pulse, per Fig.5 and derated above TA=25°C, per Fig.1 2. Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum. 3. VF<3.5V for devices of VBR<200V and VF<5.0V for devices of VBR>201V Characteristics Symbol Value Units Peak power dissipation with a 10/1000μs waveform (Note 1) waveform Peak pulse current 10/1000μs with a (Note 1) Maximum instantaneous forward voltage at 100A for unidirectional only (Note 3) Operation junction and storage temperature range PPP IPP PD VF TJ TSTG , 3000 See Next Table 6.0 3.5/5.0 -55 to +150 W A W IFSM 300 A V °C Power dissipation on infinite heatsink at TL=75°C Peak forward surge current, 8.3ms single half sine-wave unidirectional only (Note 2) Uni-directional Bi-directional Circuit Diagram |
Similar Part No. - TV30C430JB-HF |
|
Similar Description - TV30C430JB-HF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |