Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TV06B400JB-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # TV06B400JB-HF
Description  SMD Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV06B400JB-HF Datasheet(HTML) 1 Page - Comchip Technology

  TV06B400JB-HF Datasheet HTML 1Page - Comchip Technology TV06B400JB-HF Datasheet HTML 2Page - Comchip Technology TV06B400JB-HF Datasheet HTML 3Page - Comchip Technology TV06B400JB-HF Datasheet HTML 4Page - Comchip Technology TV06B400JB-HF Datasheet HTML 5Page - Comchip Technology TV06B400JB-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SMD Transient Voltage Suppressor
TV06B5V0-HF Thru. TV06B441-HF
Working Peak Reverse voltage: 5.0 to 440Volts
Power Dissipation: 600 Watts
RoHS Device
Dimensions in inches and (millimeter)
SMB/DO-214AA
Maximum Ratings and Electrical Characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
QW-JTV02
0.087(2.20)
0.077(1.96)
0.155(3.94)
0.130(3.30)
0.191(4.85)
0.171(4.35)
0.012(0.30)
0.006(0.15)
0.096(2.44)
0.083(2.13)
0.060(1.52)
0.030(0.75)
0.008(0.20)
0.001(0.02)
0.216(5.50)
0.201(5.10)
Page 1
REV:D
Mechanical Data
-Case: JEDEC DO-214AA, molded plastic.
-Terminals: solderable per MIL-STD-750,
method 2026
-Weight: 0.108 gram (approx.)
-600W peak pulse power capability with a 10/1000μs
-waveform, repetitive rate (duty cycle): 0.01%.
-Excellent clamping capability.
-Uni and Bidirectional unit.
-Very fast response time.
-Glass passivated chip.
-Low leakage.
Features
-Epoxy: UL 94V-0 rate flame retardant.
-Mounting position: Any.
Note: 1. Non-repetitive current pulse per Fig. 5 and derated above TA=25°C per Fig.1
2. Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle=4 pulses per minute maximum.
3. VF<3.5V for devices of VBR <200V and VF <5.0V for devices of VBR >201V
Peak power dissipation with a 10/1000μs
waveform (Note 1)
Peak pulse current
10/1000μs
with a
waveform (Note 1)
Power dissipation on infinite heatsink at
TL=75°C
Peak forward surge current, 8.3ms single
half sine-wave unidirectional only (Note 2)
Maximum instantaneous forward voltage
at 50 A for unidirectional only (Note 3)
Operating junction and
Storage temperature range
Parameter
Symbol
TJ TSTG
,
PPP
IPP
PD
IFSM
VF
See Next Table
-55 to +150
Value
3.5/5.0
600
5.0
100
Units
Watts
Watts
A
A
V
°C
Comchip Technology CO., LTD.
Halogen Free
-Polarity: Color band denotes cathode end
except Bipolar.
R
-UL recognized file # E349157
-Range: TV06B5V0J(B) thru. TV06B400J(B)
Company reserves the right to improve product design , functions and reliability without notice.


Similar Part No. - TV06B400JB-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV06B400JB COMCHIP-TV06B400JB Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
More results

Similar Description - TV06B400JB-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com