Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TV15CJ330CA-G Datasheet(PDF) 4 Page - Comchip Technology

Part # TV15CJ330CA-G
Description  SMD Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV15CJ330CA-G Datasheet(HTML) 4 Page - Comchip Technology

  TV15CJ330CA-G Datasheet HTML 1Page - Comchip Technology TV15CJ330CA-G Datasheet HTML 2Page - Comchip Technology TV15CJ330CA-G Datasheet HTML 3Page - Comchip Technology TV15CJ330CA-G Datasheet HTML 4Page - Comchip Technology TV15CJ330CA-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
B
C
d
D
D2
D1
SYMBOL
(mm)
(inch)
1.969 (min)
6.05 ± 0.10
8.31 ± 0.10
1.55 ± 0.10
50.00 (min)
13.00 ± 0.20
3.29 (max)
330.00
0.327 ± 0.004
0.238 ± 0.004
0.130 (max)
0.061 ± 0.004
13.000
0.512 ± 0.008
DO-214AB
(SMC)
A
8.00 ± 0.10
4.00 ± 0.10
2.00 ± 0.10
16.00 ± 0.30
22.40 (max)
SYMBOL
(mm)
(inch)
0.630 ± 0.012
0.315 ± 0.004
0.157 ± 0.004
0.079 ± 0.004
0.882 (max)
E
F
P
P0
P1
W
W1
1.75 ± 0.10
0.069 ± 0.004
7.50 ± 0.10
0.295 ± 0.004
DO-214AB
(SMC)
Trailer
Device
Leader
10 pitches (min)
10 pitches (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
D1
D2
D
W1
T
C
Direction of Feed
Reel Taping Specification
Index hole
d
E
F
B
W
P
P0
P1
A
Page 4
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
SMD Transient Voltage Suppressor
QW-BTV17
REV:B


Similar Part No. - TV15CJ330CA-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV15C100J COMCHIP-TV15C100J Datasheet
115Kb / 4P
   SMD Transient Voltage Suppressor
TV15C100J-G COMCHIP-TV15C100J-G Datasheet
2Mb / 4P
   Working Peak Reverse Voltage : 5.0 - 170 Volts , Power Dissipation : 1500 Watts , RoHS Device
TV15C100J-HF COMCHIP-TV15C100J-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV15C100JB COMCHIP-TV15C100JB Datasheet
115Kb / 4P
   SMD Transient Voltage Suppressor
TV15C100JB-G COMCHIP-TV15C100JB-G Datasheet
2Mb / 4P
   Working Peak Reverse Voltage : 5.0 - 170 Volts , Power Dissipation : 1500 Watts , RoHS Device
More results

Similar Description - TV15CJ330CA-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com