Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TV15CJ200CA-G Datasheet(PDF) 1 Page - Comchip Technology

Part # TV15CJ200CA-G
Description  SMD Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV15CJ200CA-G Datasheet(HTML) 1 Page - Comchip Technology

  TV15CJ200CA-G Datasheet HTML 1Page - Comchip Technology TV15CJ200CA-G Datasheet HTML 2Page - Comchip Technology TV15CJ200CA-G Datasheet HTML 3Page - Comchip Technology TV15CJ200CA-G Datasheet HTML 4Page - Comchip Technology TV15CJ200CA-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TV15CJ6V8-G Thru. TV15CJ601-G
Breakdown Voltage: 6.8 to 600 Volts
Peak Pulse Power : 1500Watts
RoHS Device
SMC/DO-214AB
Dimensions in inches and (millimeter)
Maximum Ratings and Electrical Characteristics
Rating at 25°C ambient temperature unless otherwise specifiec.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristics
Symbol
Value
Units
Peak forward surge current, 8.3mS single
half sine-wave superimposed on rated
load, uni-directional only
Operation junction temperature range
Storage temperature range
PPP
IPP
PD
IFSM
VF
TJ
TSTG
1500
6.5
200
3.5/5.0
-55 to +150
-55 to +150
W
A
W
A
V
°C
Notes: 1. Non-repetitive current pulse, per Fig.5 and derated above TA=25°C, per Fig.1
2. Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle=4 pulses per minute maximum.
3. VF<3.5V for devices of VBR<200V and VF<5.0V for devices of VBR>201V
0.245(6.15)
0.220(5.52)
0.126(3.16)
0.220(2.86)
0.320(8.02)
0.305(7.64)
0.012(0.30)
0.006(0.15)
0.008(0.20)
0.000(0.00)
0.060(1.51)
0.030(0.75)
0.103(2.59)
0.079(1.98)
0.280(7.02)
0.260(6.52)
(2)
Maximum instantaneous forward voltage
at 100A for uni-directional only (3)
Peak pulse current
0/1000μs
with a 1
waveform(1)
Peak power dissipation with a 10/1000μs
waveform
(1)
°C
Features
- Glass passivated chip.
- Low leakage.
- Excellent clamping capability.
- Very fast response time.
Mechanical Data
- 1500W peak pulse power capability with a 10/1000µs
waveform, repetitive rate (duty cycle):0.01%
- Uni and Bidirectional unit.
- Case: DO-214AB/SMC molded plastic.
- Terminals: Solderable per MIL-STD-750, method 2026.
- Weight:
(approx.)
0.230 gram
- Epoxy: UL 94V-0 rate flame retardant
- Polarity: Color band denoted cathode
end except bipolar.
R
- UL recognized file # E349157
- Range: TV15CJ6V8(C)A thru. TV15CJ121(C)A
Page 1
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
QW-BTV17
REV:B
SMD Transient Voltage Suppressor
Power dissipation on infinite heatsink
at TL=75°C
See Next Table


Similar Part No. - TV15CJ200CA-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV15C100J COMCHIP-TV15C100J Datasheet
115Kb / 4P
   SMD Transient Voltage Suppressor
TV15C100J-G COMCHIP-TV15C100J-G Datasheet
2Mb / 4P
   Working Peak Reverse Voltage : 5.0 - 170 Volts , Power Dissipation : 1500 Watts , RoHS Device
TV15C100J-HF COMCHIP-TV15C100J-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV15C100JB COMCHIP-TV15C100JB Datasheet
115Kb / 4P
   SMD Transient Voltage Suppressor
TV15C100JB-G COMCHIP-TV15C100JB-G Datasheet
2Mb / 4P
   Working Peak Reverse Voltage : 5.0 - 170 Volts , Power Dissipation : 1500 Watts , RoHS Device
More results

Similar Description - TV15CJ200CA-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com