Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TV05A510JB-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # TV05A510JB-HF
Description  SMD Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV05A510JB-HF Datasheet(HTML) 4 Page - Comchip Technology

  TV05A510JB-HF Datasheet HTML 1Page - Comchip Technology TV05A510JB-HF Datasheet HTML 2Page - Comchip Technology TV05A510JB-HF Datasheet HTML 3Page - Comchip Technology TV05A510JB-HF Datasheet HTML 4Page - Comchip Technology TV05A510JB-HF Datasheet HTML 5Page - Comchip Technology TV05A510JB-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Page 4
REV:B
SMD Transient Voltage Suppressor
VBR Min. (V)
VBRMax. (V)
IT(mA)
UNI
BI
Maximum Reverse
Surge Current @
10/1000us sinewave
IPP (A)
Maximum
Clamping
Voltage @IPP
VC (V)
Marking Code
Part No
Breakdown voltage VBR @ IT
Maximum Reverse
Leakage @VRWM
IR (uA)
Working Peak
Reverse Voltage
VRWM (V)
Notes:
1. Suffix J denotes 5% tolerance devices.
2. Suffix B after part number to specify bi-directional devices.
3. For bi-directional devices having VR of 10 volts and under, the IR limit is double.
4.
.
For Uni-directional devices VF max=3.5V at IF=25 A 300us square wave pulse
100
111
1
5
90.0
3.42
146
TV05A900J(B)-HF
5SE
5VE
111
123
1
5
100
3.09
162
TV05A101J(B)-HF
5SG
5VG
122
135
1
5
110
2.82
177
TV05A111J(B)-HF
5SK
5VK
TV05A121J(B)-HF
133
147
1
5
120
2.59
193
5SM
5VM
TV05A131J(B)-HF
144
159
1
5
130
2.39
209
5SP
5VP
TV05A141J(B)-HF
155
171
1
5
140
2.20
227
5SR
5VR
TV05A151J(B)-HF
167
185
1
5
150
2.06
243
5ST
5VT
TV05A161J(B)-HF
178
197
1
5
160
1.93
259
5SV
5VV
TV05A171J(B)-HF
189
209
1
5
170
1.82
275
5SX
5VX
TV05A181J(B)-HF
200
220
1
5
180
1.71
292
5SZ
5VZ
TV05A191J(B)-HF
211
232
1
5
190
1.62
308
5TE
5UE
Electrical Characteristics (TV05A5V0-HF Thru. TV05A191-HF)
Company reserves the right to improve product design , functions and reliability without notice.
Comchip Technology CO., LTD.
QW-JTV07


Similar Part No. - TV05A510JB-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV05A510JB-G COMCHIP-TV05A510JB-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
More results

Similar Description - TV05A510JB-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com