Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE36A-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # P4KE36A-HF
Description  400W Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

P4KE36A-HF Datasheet(HTML) 1 Page - Comchip Technology

  P4KE36A-HF Datasheet HTML 1Page - Comchip Technology P4KE36A-HF Datasheet HTML 2Page - Comchip Technology P4KE36A-HF Datasheet HTML 3Page - Comchip Technology P4KE36A-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
P4KE-HF Series
Breakdown Voltage: 6.8 to 600 Volts
Peak Pulse Power: 400 Watts
RoHS Device
1.000(25.40)
MIN.
0.205(5.21)
0.165(4.19)
0.117(2.97)
0.090(2.29)
0.033(0.84)
0.027(0.71)
1.000(25.40)
MIN.
400W Transient Voltage Suppressor
-Monuting position: Any.
QW-JTV11
Page 1
REV:B
Company reserves the right to improve product design , functions and reliability without notice.
Comchip Technology CO., LTD.
Mechanical Data
-Case: Molded plastic
.
DO-41
-Epoxy: UL 94V-0 rate flame retardant.
-Weight: 0.321 gram (approx.)
-Polarity: Color
cathode end
band denotes
except Bipolar.
Features
- Glass passivated chip.
- 400W peak pulse power capability with a 10/1000µs
waveform, repetitive rate (duty cycle):0.01%
- Low leakage.
- Uni and Bidirectional unit.
- Excellent clamping capability.
- Very fast response time.
R
- UL recognized file # E349157
- Range: P4KE6.8(C)A thru. P4KE33(C)A
-Lead: Solderable per MIL-STD-202,
method 208 guranteed.
Dimensions in inches and (millimeter)
DO-41
DIA.
DIA.
Maximum Ratings (TA=25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
Peak power dissipation with a 10/1000μs
40
Peak forward surge current, 8.3ms single
half sine-wave unidirectional only
(Note 2)
Operating junction and storage
temperature range
PPP
1.0
400
-55 to +150
W
W
A
°C
Power dissipation on infinite heatsink at TL=75°C
NTOES:
(1) Non-repetitive current pulse per fig.5 and derated above TA=25°C per fig.1
(2) Measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle=4 pulses per minute maximum
(3) VF<3.5V for devices of VBR<200V and VF<5.0V for devices of VBR>201V
PD
IFSM
TJ, TSTG
Peak pulse current with a 10/1000μs waveform
(Note 1)
IPP
See Next Table
A
waveform (Note 1)
3.5/5.0
Maximum instantaneous forward voltage at
25 A for unidirectional only (Note 3)
V
VF
Halogen Free


Similar Part No. - P4KE36A-HF

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P4KE36A-B LITTELFUSE-P4KE36A-B Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
logo
SeCoS Halbleitertechnol...
P4KE36A-C SECOS-P4KE36A-C Datasheet
334Kb / 3P
   400 Peak Power
logo
Comchip Technology
P4KE36A-G COMCHIP-P4KE36A-G Datasheet
131Kb / 6P
   400W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P4KE36A-LF SIRECT-P4KE36A-LF Datasheet
129Kb / 4P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4KE36A-T8 WTE-P4KE36A-T8 Datasheet
82Kb / 6P
   400W TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4KE36A-HF

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
P4KE SMC-P4KE Datasheet
297Kb / 6P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P4KE COMCHIP-P4KE Datasheet
99Kb / 4P
   400W Transient Voltage Suppressor
P4KE-G COMCHIP-P4KE-G_12 Datasheet
131Kb / 6P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
SMAJ WEEN-SMAJ Datasheet
616Kb / 7P
   400W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P4KE6.8-LF SIRECT-P4KE6.8-LF Datasheet
129Kb / 4P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
P4KE6 TAITRON-P4KE6 Datasheet
198Kb / 5P
   400W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P4KE LEIDITECH-P4KE Datasheet
1Mb / 5P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
P4SOD WEEN-P4SOD Datasheet
601Kb / 7P
   400W Transient Voltage Suppressor
logo
Comchip Technology
P4KE-G COMCHIP-P4KE-G Datasheet
113Kb / 4P
   400W Transient Voltage Suppressor
logo
TAITRON Components Inco...
MP4KE6 TAITRON-MP4KE6 Datasheet
209Kb / 5P
   400W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com